Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6907
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6907 Datasheet(HTML) 1 Page - Linear Technology

  LTC6907 Datasheet HTML 1Page - Linear Technology LTC6907 Datasheet HTML 2Page - Linear Technology LTC6907 Datasheet HTML 3Page - Linear Technology LTC6907 Datasheet HTML 4Page - Linear Technology LTC6907 Datasheet HTML 5Page - Linear Technology LTC6907 Datasheet HTML 6Page - Linear Technology LTC6907 Datasheet HTML 7Page - Linear Technology LTC6907 Datasheet HTML 8Page - Linear Technology LTC6907 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC6995-1/LTC6995-2
1
699512f
For more information www.linear.com/6995
Typical applicaTion
FeaTures
DescripTion
TimerBlox: Long Timer, Low
Frequency Oscillator
The LTC®6995 is a silicon oscillator with a programmable
periodrangeof1.024msto9.54hours(29.1µHzto977Hz),
specifically intended for long duration timing events. The
LTC6995 is part of the TimerBlox® family of versatile
silicon timing devices.
A single resistor, RSET, programs the LTC6995’s internal
master oscillator frequency. The output clock period
is determined by this master oscillator and an internal
frequency divider, NDIV, programmable to eight settings
from 1 to 221.
tOUT =
NDIV •RSET
50k
Ω
• 1.024ms, NDIV = 1,8,64,...,221
When oscillating, the LTC6995 generates a 50% duty
cycle square wave output. A reset function is provided
to stop the master oscillator and clear internal dividers.
Removing reset initiates a full output clock cycle which
is useful for programmable power on reset and watchdog
timer applications.
The LTC6995 has two versions of reset functionality. The
reset input is active high for the LTC6995-1 and active low
for the LTC6995-2. The polarity of the output when reset
is selectable for both versions.
OUTPUT (OSCILLATOR START STATE)
RST/RST POLARITY
LTC6995-1
LTC6995-2
0
0
Oscillating (Low)
0 (Reset)
1
0
0 (Reset)
Oscillating (Low)
0
1
Oscillating (High)
1 (Reset)
1
1
1 (Reset)
Oscillating (High)
applicaTions
n
Period Range: 1ms to 9.5 Hours
n
Timing Reset by Power-On or Reset Input
n
Configured with 1 to 3 Resistors
n
<1.5% Maximum Frequency Error
n
Programmable Output Polarity
n
2.25V to 5.5V Single Supply Operation
n
55µA to 80µA Supply Current
(2ms to 9.5hr Clock Period)
n
500µs Start-Up Time
n
CMOS Output Driver Sources/Sinks 20mA
n
–55°C to 125°C Operating Temperature Range
n
Available in Low Profile (1mm) SOT-23 (ThinSOT™)
and 2mm
× 3mm DFN Packages
n
Power-On Reset Timer
n
Long Time One Shot
n
“Heartbeat” Timers
n
Watchdog Timers
n
Periodic “Wake-Up” Call
n
High Vibration, High Acceleration Environments
L
, LT, LTC, LTM, Linear Technology, TimerBlox and the Linear logo are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
Active Low Power-On Reset Timer
LTC6995-1
0.1µF
OUT
1M
392k
118k
RST
GND
SET
OUT
V+
DIV
V+
V+
699512 TA01
5 SECONDS
1/2 tOUT
TIMER STOPPED
POWER-ON RESET
(1ms TO 4.8 HOURS)


Similar Part No. - LTC6907

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907 Datasheet
176Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
logo
Analog Devices
LTC6907 AD-LTC6907 Datasheet
1Mb / 34P
Voltage-Controlled Pulse Width Modulator (PWM)
11/19-REV.D
LTC6907 AD-LTC6907 Datasheet
755Kb / 28P
TimerBlox: Delay Block/ Debouncer
11/19-REV.C
LTC6907 AD-LTC6907 Datasheet
661Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
Rev. D
More results

Similar Description - LTC6907

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
Long Range Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
Long Range Fixed Timer
February 9, 2007
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
TimerBlox Long Timer, Low Frequency Oscillator
LTC6995-2 LINER-LTC6995-2_15 Datasheet
321Kb / 28P
Long Timer, Low Frequency Oscillator
logo
Intersil Corporation
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
Long Range Fixed Timer
September 14, 2015
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
Long Range Fixed Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com