Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4419 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT4419
Description  Single Supply Variable Amplitude Transceivers for MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4419 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT4419 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Aeroflex Circuit Technology
5
SCD4419 REV B 10/21/99 Plainview NY (516) 694-6700
Figure 4 – Transmitter (TX) Output Offset
Figure 5 – Typical Transformer Connection
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A’ in Fig 5
1:2.5
A
A’
B’
B
TX DATA OUT
TX DATA OUT
RX DATA IN
RX DATA IN
70
70
55
55
Center
Tap
1:1.77 for
stub
coupling
0 volts
Magnified View
D.U.T
P’
P
Figure 6 – Power Dissipation vs. Duty Cycle
Note: Vcc = 5 Volts, Vbus (pt A-A') at 7.5 Volts P-P
0
10
20
30
40
50
60
70
80
90 100
1600
1400
1200
1000
800
600
400
200
0
DUTY CYCLE – PERCENT
ZO
Typical
Maximum
Figure 3 – Transmitter (TX) Output Amplitude
vs Control Voltage
0
1
2
3
4
5
6
7
8
9
10
CONTROL VOLTAGE
3
3.75
6.75
7.5
6
5.25
4.5
2.25
1.5
.75
0
VP-P @ B–B'
Vdc
Typical
Slope = 0.75 VP-P/Vdc for 10V
Slope = 1.5 VP-P/Vdc for 5V
6
7.5
4.5
3
1.5
Use Technitrol 1553-45 or Equivalent
Transformer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com