Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4419 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT4419
Description  Single Supply Variable Amplitude Transceivers for MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4419 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT4419 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Aeroflex Circuit Technology
6
SCD4419 REV B 10/21/99 Plainview NY (516) 694-6700
1.27
MAX
24
1
13
12
FLAT PACKAGE
1.10
0.175
MAX
0.24
MIN
0.018 DIA.
±0.002
Dot indicates Pin 1
0.10 Typ
±0.002
1
0.080
±0.015
0.009
±0.002
Notes
1. Dimensions shown are in inches
2. Pins are equally spaced at 0.10.0±0.002 tolerance, non-cumulative, each row.
1.27 MAX
1.10
1.27 MAX
0.017
0.400
MAX
2 sides
Configurations and Ordering Information
Model No.
DESC No.
Receiver Data level
Case
Specs.
Configuration
ACT4419
Pending
Normally Low
Plug In
1553 & 1760
Single
ACT4419FP
Pending
Normally Low
Flat Pack
1553 & 1760
Single
PLUG-IN PACKAGE
0.100
0.167 for Low Profile Flat Pack
0.200 for Std Flat Pack
Pin Connections
1. TX DATA OUT
2. TX DATA OUT
3. TX GND (+5)
4. N.C.
5. N.C.
6. N.C.
7. RX DATA OUT
8. STROBE
9. RX GND (+5V)
10.RXDATA OUT
11. N.C.
12. N.C.
13. N.C.
14. N.C.
15. RX DATA IN
16. RX DATA IN
17. GND
18. CASE GND
19. N.C.
20. +5V
21. TX INHIBIT
22. TX DATA IN
23. TX DATA IN
24. N.C.
Specifications subject to change without notice.
1.27 MAX
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
CIRCUIT TECHNOLOGY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com