Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4419 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT4419
Description  Single Supply Variable Amplitude Transceivers for MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4419 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT4419 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Aeroflex Circuit Technology
3
SCD4419 REV B 10/21/99 Plainview NY (516) 694-6700
Absolute Maximum Ratings
Operating Case Temperature
-55°C to +125°C
Storage Case Temperature
-65°C to +150°C
Positive Power Supply Voltage
+5.0 V to +7.0 V
Receiver Differential Input
±10 V
Receiver Input Voltage (Common Mode)
±5 V
Driver Peak Output Current
650 mA
Total Package Power Dissipation over the Full Operating Case
Temperature Rise
2 Watt
Maximum Junction To Case Temperature Rise for the Hottest
Device
10°C
Thermal Resistance, Junction to Bottom of Case
5°C/W
Electrical Characteristics – Driver Section
Input Characteristics, TX DATA in or TX DATA in
Parameter
Condition
Symbol
Min
Typ
Max
Unit
"0" Input Current
VIN = 0.4 V
IILD
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7 V
IIHD
1
40
µA
"0" Input Voltage
VIHD
0.7
V
"1" Input Voltage
VIHD
2.0
V
Inhibit Characteristics
"0" Input Current
VIN=0.4V
IILI
-0.2
-0.4
mA
"1" Input Current
VIN=2.7V
IIHI
1.0
40
µA
"0" Input Voltage
VILI
0.7
V
"1" Input Voltage
VIHI
2
V
Delay from TX inhibit,(0¡1) to inhibited out-
put
tDXOFF
200
300
nS
Delay from TX inhibit, (1¡0) to active output
tDXON
80
150
nS
Differential Output Noise, inhibit mode
VNOI
2
10
mVp-p
Differential Output Impedance (inhibited)
Note 1
ZOI
2K
Output Characteristics
Differential output level
Pt. A - A’
VO
6
7.5
8
V p-p
Rise And Fall Times(10% to 90% of p-p out-
put)
tr
100
170
300
nS
Output Offset at point A-A’on Fig 5., 2.5 µS
after midpoint crossing of the parity bit of the
last word of a 660 µS message
RL=35 Ω
VOS
±90
mV peak
Delay from 50% point of TX DATA or TX
DATA input to zero crossing of differential
signal
tDTX
100
150
nS
Control Voltage Slope
0 – 5 Vdc
measured at Pt A - A’
0 – 10 Vdc
measured at Pt A - A’
IL = 1 mA
max
1.1
0.55
1.5
0.75
1.9
0.95
Vp-p/Vdc
Vp-p/Vdc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com