Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4419 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4419
Description  Single Supply Variable Amplitude Transceivers for MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4419 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4419 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4419 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4419 REV B 10/21/99
Features
• First fully monolithic 5V only Variable Amplitude
Transceiver
• Lowest standby power
• Transceiver meets military data bus requirements,
MIL-STD-1553 and MIL-STD-1760
• Low power dissipation at full output power
• Single +5V power supply
• Current source output
• Monolithic construction using dielectrically isolated(D.I.)
• Processed and screened to MIL-STD-883 specs
• Radiation Hard to 2.5 MRADS Total Dose
• DESC SMD pending
• Either 5V or 10V DC control line (Factory Set)
General Description
The
Aeroflex
Circuit
Technology
model ACT4419 is a next generation
D.I.
monolithic
transceiver
which
provides variable amplitude in full
compliance with MIL-STD-1553/1760
data bus requirements with the lowest
standby power consumption available
and one power supply operation.
The model ACT4419 performs the
front-end analog function of inputting
and
outputting
data
through
a
transformer to a MIL-STD-1553/1760
data bus.
Design of these transceivers reflects
particular attention to active filter
performance. This results in low bit
and word error rate with superior
waveform purity and minimal zero
crossover
distortion.
Efficient
transmitter
electrical
and
thermal
design provides low internal power
dissipation and heat rise at high as
well as low duty cycles.
Variable amplitude is adjusted with
factory preset 0 - 10 Vdc or 0 - 5 Vdc
control line at 1mA maximum input
current.
Transmitter
The
Transmitter
section
accepts
bi-phase TTL data at the input and
when coupled to the data bus with a
primary grounded center tap
1:2.5 transformer, isolated on the
data bus side with two 52.5 Ohm fault
isolation resistors, and loaded by two
70 Ohm terminations plus additional
receivers,
the
data
bus
signal
produced is 7.5Volts nominal P-P at
A-A’ (See Figure 5). When both DATA
and DATA inputs are held low or high,
the transmitter output becomes a
high impedance and is “removed”
from
the
line.
In
addition,
an
Block Diagram
ACT4419FP & ACT4419 Plug In Transceivers
SHAPING
OUTPUT
STAGE
COMP.
COMP.
REFERENCE
ACTIVE
FILTER
INPUT
AMP
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
STROBE
TX/RX
TX/RX
RX DATA OUT
RX DATA OUT
GROUND
for MIL-STD-1553
Single Supply Variable Amplitude Transceivers
ACT4419
Preliminary


Similar Part No. - ACT4419

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
Dual Variable Amplitude Transceivers for MIL-STD-1553
ACT4419DF AEROFLEX-ACT4419DF Datasheet
78Kb / 6P
Dual Variable Amplitude Transceivers for MIL-STD-1553
More results

Similar Description - ACT4419

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
Dual Variable Amplitude Transceivers for MIL-STD-1553
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4455 AEROFLEX-ACT4455 Datasheet
126Kb / 8P
ACT 4455 / 4459 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4458 AEROFLEX-ACT4458 Datasheet
127Kb / 8P
ACT 4458 / 4464 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
ACT4468D Dual Transceivers for MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Holt Integrated Circuit...
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com