Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8611 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT8611
Description  Radiation Hardened 50 Watt Power Supply Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8611 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT8611 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8611 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8611 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8611 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8611 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
eroflex Circuit Technology - Advanced Multichip Modules © SCD861X REV 2 5/16/00
STATUS
SYNC_OUT
OUT_COM
INHIBIT
SYNC_IN
IN_COM
VIN+
VIN-
VO+
VO-
OUTPUT
CONTROL
CIRCUITRY
INPUT
CONTROL
CIRCUITRY
Figure 1 – Block Diagram
Features
s
Radiation Environment
q
Total Dose 100K Rad (Si)
q
No SEE or SEU to 20 MeV/cm2/mg
s
-55oC to 85oC Baseplate Mounting Temperature
s
50W Power Output, +5V, +12V, +15V, -12V and –15V Output Versions Available
s
50V Input Bus
s
Internal EMI Suppression Circuitry designed to meet the requirements of MIL-STD-461C
s
Short Circuit Protected
s
Input Undervoltage Shutdown
s
Output Overvoltage Shutdown
s
Overtemperature Shutdown
s
Input Shutdown Control
s
Input Synchronization Control
s
Output Synchronization Control
s
Output Status Signal
s
Packaging – Non-Hermetic COB in a 3" x 4" x .9" housing with D connector
CIRCUIT TECHNOLOGY
www.aeroflex.com
Radiation Hardened
50 Watt Power Supply Module
ACT 861X Series
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001
Advanced


Similar Part No. - ACT8611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ACT86 TI-ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
Active-Semi, Inc
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
More results

Similar Description - ACT8611

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH7130 IRF-IRH7130 Datasheet
464Kb / 12P
RADIATION HARDENED POWER MOSFET
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHNA57Z60 IRF-IRHNA57Z60 Datasheet
125Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
RADIATION HARDENED POWER MOSFET
logo
Solid States Devices, I...
SPMC387-01 SSDI-SPMC387-01 Datasheet
38Kb / 2P
50 WATT RADIATION HARDENED DC-DC POWER CONVERTER
logo
International Rectifier
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHY57130CM IRF-IRHY57130CM Datasheet
130Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
RADIATION HARDENED POWER MOSFET
logo
Efficient Power Convers...
FBSGAM02PR50 EPC-CO-FBSGAM02PR50 Datasheet
2Mb / 33P
50 VDC/10 A Radiation-Hardened Multifunction Power Module
logo
Renesas Technology Corp
ISL70321SEH RENESAS-ISL70321SEH Datasheet
1Mb / 26P
Radiation Hardened Quad Power Supply Sequencers
Jul 30, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com