Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2513 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # CT2513
Description  CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2513 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  CT2513 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCDCT2512 REV C 8/14/01
Features
• CT2512 Replaces DDC BUS-65112 and BUS-65117
• CT2513 Replaces DDC BUS-65113 and BUS-65118
• CT2510 Replaces DDC BUS-65110 and BUS-65120
• CT2511 Replaces DDC BUS-65111 and BUS-65121
• Functions as a Complete Remote Terminal Unit
• Supports 13 Mode Codes, Illegalization of Codes Allowed
• Transfers Data with DMA Type Handshaking
• Latched Outputs for Command Word and Word Count
• 14 Bit Built-ln-Test Word Register
• 4 Error Flag Outputs
• Advanced Low Power VLSI Technology
• Approved DESC SMD# 5962–87535
General Description
The CT2512 contains 2 transceivers, 2 encoder/decoders, bit processors and complete Remote Terminal (RT)
logic. The device is constructed using Aeroflex advanced VLSI custom chip and hybrid technology. It
functions as a complete dual redundant MIL-STD-1553B RT Unit supporting all 13 mode codes for dual
redundant operation. The CT2512 is a pin-for-pin functional equivalent of the DDC BUS-65112/117 and
performs parallel data transfers with a DMA type handshake. Multiple error flag outputs and host access to
many of the RT Status Word bits are just some of the features that make this part ideal for many RT
applications. The unit has an operating range of -55°C to + 125°C. Aeroflex is a MIL-PRF-38534 Certified
Manufacturer. See "Ordering Information" (last sheet) for CT2513 / CT2510 / CT2511.
Figure 1 – Functional Block Diagram
DB0-DB15
A0-A11
ERROR FLAG
TIMING FLAGS
STATUS BITS
I/O
INTERFACE
MIL-STD-1553B
PROTOCOL
AND
BIT
PROCESSING
LOGIC
ENCODER/
DECODER
ENCODER/
DECODER
DUAL
TRANSCEIVER
DATA BUS A
DATA BUS B
CIRCUIT TECHNOLOGY
www.aeroflex.com/act1.htm
CT2512 / CT2513 / CT2510 / CT2511
Dual Redundant Remote Terminal
FOR MIL-STD-1553B
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001


Similar Part No. - CT2513

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT25-44P YAMAICHI-CT25-44P Datasheet
251Kb / 2P
180째 Solder Cup
CT25-44P1 YAMAICHI-CT25-44P1 Datasheet
87Kb / 2P
180째 Solder Dip
CT25-44P1-K45 YAMAICHI-CT25-44P1-K45 Datasheet
87Kb / 2P
180째 Solder Dip
CT25-44P5K271 YAMAICHI-CT25-44P5K271 Datasheet
87Kb / 2P
90째 Solder Dip
CT25-44P5K272 YAMAICHI-CT25-44P5K272 Datasheet
87Kb / 2P
90째 Solder Dip
More results

Similar Description - CT2513

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT25421111 AEROFLEX-CT25421111 Datasheet
315Kb / 17P
CT 2542 / CT2543 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
logo
Holt Integrated Circuit...
HI-6120 HOLTIC-HI-6120_10 Datasheet
3Mb / 157P
MIL-STD-1553 Remote Terminal ICs
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
Data Bus (MIL-STD-1553B) Components
logo
Holt Integrated Circuit...
HI-6120 HOLTIC-HI-6120_15 Datasheet
3Mb / 162P
MIL-STD-1553 Remote Terminal ICs
logo
Tyco Electronics
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
Data Bus (MIL-STD-1553B) Components
Revised 12-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com