Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2513 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # CT2513
Description  CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2513 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  CT2513 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
3
Electrical Characteristics (Receiver Section)
Parameter/Conditions
Symbol
Min
Typ
Max
Units
Differential input impedance
DC to 1MHz
ZIN
9K
V
Differential voltage range
VDIR
±20V
Vpeak
Input common mode voltage
range
VICR
±10V
Vpeak
Common mode rejection ratio
(from point A, Figure 1)
CMMR
40
dB
Threshold characteristics
(Sine wave at 1MHz)
Note: Threshold voltages refer to point A, Figure 2.
Vth
0.8
1.1
Vp-p
Electrical Characteristics (Transmitter Section)
Parameter/Conditions
Symbol
Min
Typ
Max
Units
Differential output level at point B, Figure 1 (145 ohm load)
VO
26
28
35
Vp-p
Rise and Fall times (10% to 90% of p-p output)
Tr
100
160
300
nS
Output offset at point A in Figure 2 (35-ohm load) 2.5us
after mid-bit crossing of
parity bit of last word of a
660us message
VOS
±20
±90
mV Vpeak
Differential output noise
VNOI
10
mV pp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com