Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2513 Datasheet(PDF) 17 Page - Aeroflex Circuit Technology

Part # CT2513
Description  CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2513 Datasheet(HTML) 17 Page - Aeroflex Circuit Technology

Back Button CT2513 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
17
CIRCUIT TECHNO LOGY
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
Ordering Information
Model Number
Screening
DESC SMD
Power Supply
Package
CT2512
Military Temperature, -55°C to +125°C,
Screened to the individual test
methods of MIL-STD-883
5962-8753503X_
+5V, ±15V
Plug in
CT2512-FP
5962-8753503Z_
Flat Package
* CT2513
-
+5V, ±12V
Plug in
* CT2513-FP
-
Flat Package
* CT2510
-
+5V, -15V
Plug in
* CT2510-FP
-
Flat Package
* CT2511
-
+5V, -12V
Plug in
* CT2511-FP
-
Flat Package
* Contact Factory
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com