Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2513 Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # CT2513
Description  CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2513 Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button CT2513 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
15
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
A10
A9
A8
A7
A6
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
+5V
BR0 ENA
GND
ADDRE
ADDRD
ADDRC
ADDRB
ADDRA
ADDRP
RTADERR
TXDATA B
TXDATA B
-15V B
+15V B
+5V B
GND B
RXDATA B
RXDATA B
A3
A2
A1
A0
DTGRT
DTACK
INCMD
A4
HSFAIL
R/W
DISTR
GBR
A5(DAT/CMD)
12MHz IN
RTFAIL
BUF ENA
DTREQ
RESET
ADBC
RTFLAG
TP2
TP1
A11(T/R)
BUSY
ILLCMD
SSFLAG
SRQ
ME
BITEN
RXDATA A
RXDATA A
GND A
+5V
+15V
-15V
TXDATA A
TXDATA A
STATEN
NBGT
CT2512 Pin Out Description (FP)
Pin
#
Function
Pin
#
Function
1NC
42
NC
2
A10
43
NBGT
3A9
44
STATEN
4
A8
45
TXDATA A
5A7
46
TXDATA A
6A6
47
-15V A
7
DB0
48
+15V A
8
DB1
49
+5V A
9
DB2
50
GND A
10
DB3
51
RXDATA A
11
DB4
52
RXDATA A
12
DB5
53
BITEN
13
DB6
54
ME
14
DB7
55
SRQ
15
DB8
56
SSFLAG
16
DB9
57
ILLCMD
17
DB10
58
BUSY
18
DB11
59
A11 (T/R)
19
DB12
60
TP1
20
DB13
61
TP2
21
DB14
62
RTFLAG
22
DB15
63
ADBC
23
+5V
64
RESET
24
BRO ENA
65
DTREQ
25
GND
66
BUF ENA
26
ADDRE
67
RTFAIL
27
ADDRD
68
12MHz IN
28
ADDRC
69
A5 (DAT/CMD)
29
ADDRB
70
GBR
30
ADDRA
71
DTSTR
31
ADDRP
72
R/W
32
RTADERR
73
HSFAIL
33
TXDATA B
74
A4
34
TXDATA B75
INCMD
35
-15V B
76
DTACK
36
+15V B
77
DTGRT
37
+5V B
78
A0
38
GND B
79
A1
39
RXDATA B80
A2
40
RXDATA B
81
A3
41
NC
82
NC
CT2512-FP
MIL-STD-1553B
REMOTE TERMINAL
PROTOCOL UNIT
Figure 13 – Flat package Pin Connection Diagram, CT2512 and Pinout Table
1
2
N/C
N/C
N/C
N/C
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
82
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com