Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG1602AXB Datasheet(PDF) 1 Page - Agere Systems

Part # LG1602AXB
Description  LG1602 Decision Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1602AXB Datasheet(HTML) 1 Page - Agere Systems

  LG1602AXB Datasheet HTML 1Page - Agere Systems LG1602AXB Datasheet HTML 2Page - Agere Systems LG1602AXB Datasheet HTML 3Page - Agere Systems LG1602AXB Datasheet HTML 4Page - Agere Systems LG1602AXB Datasheet HTML 5Page - Agere Systems LG1602AXB Datasheet HTML 6Page - Agere Systems LG1602AXB Datasheet HTML 7Page - Agere Systems LG1602AXB Datasheet HTML 8Page - Agere Systems LG1602AXB Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet
February 1999
LG1602 Decision Circuit
Features
s
Operation up to 3 Gbits/s
s
Good sensitivity to low input signals
s
Low power dissipation
s
Surface-mount package
Applications
s
SONET/SDH transmission systems
s
Digital video transmission
s
Digital test instruments
Functional Description
The LG1602 is a gallium arsenide (GaAs) decision
circuit. It features a sensitive broadband input ampli-
fier and a D-type flip-flop that retimes and regener-
ates an input data stream that is weakened by noise,
jitter, and intersymbol interference.
The LG1602 has complementary 50
Ω output buff-
ers.
dc feedback ensures input threshold control for input
levels as low as 25 mV, when using dc balanced
input data. The LG1602 is available in a hermetically
sealed 16-lead glass-metal surface-mount package.
5-7667(F)r.3
Figure 1. LG1602 Functional Diagram
V+REF
V+IN
V–IN
V–REF
25 k
Ω
110 pF
25 k
Ω
110 pF
D
D
Q
V+OUT V–OUT
VSS
V–CLK
V+CLK
GND
50
Ω
50
Ω
2 pF
2 pF
50
Ω
50
Ω


Similar Part No. - LG1602AXB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600FXH AGERE-LG1600FXH Datasheet
492Kb / 20P
LG1600FXH Clock and Data Regenerator
August 1999
LG1600FXH0500 AGERE-LG1600FXH0500 Datasheet
492Kb / 20P
LG1600FXH Clock and Data Regenerator
August 1999
LG1600FXH0553 AGERE-LG1600FXH0553 Datasheet
492Kb / 20P
LG1600FXH Clock and Data Regenerator
August 1999
LG1600FXH0622 AGERE-LG1600FXH0622 Datasheet
492Kb / 20P
LG1600FXH Clock and Data Regenerator
August 1999
LG1600FXH1200 AGERE-LG1600FXH1200 Datasheet
492Kb / 20P
LG1600FXH Clock and Data Regenerator
August 1999
More results

Similar Description - LG1602AXB

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1858 NTE-NTE1858 Datasheet
26Kb / 4P
Integrated Circuit Vertical Deflection Circuit
NTE748 NTE-NTE748 Datasheet
23Kb / 2P
Integrated Circuit TV Sound Circuit
NTE955M NTE-NTE955M Datasheet
28Kb / 4P
Integrated Circuit Timing Circuit
logo
OKI electronic componet...
KGL4215 OKI-KGL4215 Datasheet
84Kb / 8P
10-Gbps Decision Circuit 0.2關m Gate Length GaAs MESFET Technology
logo
Micrel Semiconductor
SY88353BL MICREL-SY88353BL Datasheet
471Kb / 11P
3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88353BL MICREL-SY88353BL_07 Datasheet
470Kb / 11P
3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88053AL MICREL-SY88053AL Datasheet
453Kb / 12P
3.3V, 12.5Gbps Limiting Post Amplifier with Programmable Decision Threshold
logo
Fairchild Semiconductor
FJV3106RMTF FAIRCHILD-FJV3106RMTF Datasheet
94Kb / 4P
Switching circuit, Inverter, Interface circuit, Driver Circuit
FJX4002RTF FAIRCHILD-FJX4002RTF Datasheet
48Kb / 4P
Switching circuit, Inverter, Interface circuit, Driver Circuit
FJV4103RMTF FAIRCHILD-FJV4103RMTF Datasheet
61Kb / 4P
Switching circuit, Inverter, Interface circuit, Driver Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com