Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG1602AXB Datasheet(PDF) 3 Page - Agere Systems

Part # LG1602AXB
Description  LG1602 Decision Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1602AXB Datasheet(HTML) 3 Page - Agere Systems

  LG1602AXB Datasheet HTML 1Page - Agere Systems LG1602AXB Datasheet HTML 2Page - Agere Systems LG1602AXB Datasheet HTML 3Page - Agere Systems LG1602AXB Datasheet HTML 4Page - Agere Systems LG1602AXB Datasheet HTML 5Page - Agere Systems LG1602AXB Datasheet HTML 6Page - Agere Systems LG1602AXB Datasheet HTML 7Page - Agere Systems LG1602AXB Datasheet HTML 8Page - Agere Systems LG1602AXB Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
February 1999
LG1602 Decision Circuit
3
Lucent Technologies Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent or latent damage to the device. These
are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
Table 2. Absolute Maximum Ratings
Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Handling Precautions
Although protection circuitry has been designed into this device, proper precautions should be taken to avoid expo-
sure to electrostatic discharge (ESD) during handling and mounting. Lucent employs a human-body model (HBM)
and a charged-device model (CDM) for ESD-susceptibility testing and protection design evaluation. No industry-
wide standard has been adopted for the CDM. However, a standard HBM (resistance = 1500
Ω, capacitance =
100 pF) is widely used and, therefore, can be used for comparison purposes. The HBM ESD threshold presented
here was obtained by using these circuit parameters.
Table 4. ESD Threshold
Mounting and Connections
Certain precautions must be taken when using solder. For installation using a constant temperature solder, tem-
peratures of under 300 °C may be employed for periods of time up to 5 seconds, maximum. For installation with a
soldering iron (battery operated or nonswitching only), the soldering tip temperature should not be greater than
300 °C and the soldering time for each lead must not exceed 5 seconds.
Parameter
Min
Max
Unit
Supply Voltage Range (VSS)0.5
–7
V
Power Dissipation
—
1
W
Voltage (all pins)
0.5
VSS
V
Clock Input (V+CLK, V–CLK)
—±2
V
V+REF – V+IN
—±2
V
V–REF – V–IN
—±2
V
Storage Temperature Range
–40
125
°C
Operating Case Temperature Range
0
100
°C
Parameter
Symbol
Min
Max
Unit
Case Temperature
tCASE
075
°C
Power Supply
VSS
–4.7
–5.7
V
HBM ESD Threshold
Device
Voltage
LG1602
≥200 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com