Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG1602AXB Datasheet(PDF) 5 Page - Agere Systems

Part # LG1602AXB
Description  LG1602 Decision Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1602AXB Datasheet(HTML) 5 Page - Agere Systems

  LG1602AXB Datasheet HTML 1Page - Agere Systems LG1602AXB Datasheet HTML 2Page - Agere Systems LG1602AXB Datasheet HTML 3Page - Agere Systems LG1602AXB Datasheet HTML 4Page - Agere Systems LG1602AXB Datasheet HTML 5Page - Agere Systems LG1602AXB Datasheet HTML 6Page - Agere Systems LG1602AXB Datasheet HTML 7Page - Agere Systems LG1602AXB Datasheet HTML 8Page - Agere Systems LG1602AXB Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
February 1999
LG1602 Decision Circuit
5
Lucent Technologies Inc.
Electrical Characteristics (continued)
5-7668(F)r.2
Figure 3. Timing Diagram
5-7669(F)r.2
Figure 4. Test Circuit
tPD
D0
DATA IN
CLOCK IN
DATA OUT
VH
<V>
VL
VH
<V>
VL
VH
0
VL
D1
D2
t1
D0
t2
2 pF
2 pF
50
Ω
50
Ω
3
2
1, 15, 16
GND
50
Ω
CLOCK
V+CLK
V–CLK
VSS
–
+
0.047
µF
5
Ω
4
–5.2 V
D
D
Q
65
V+OUT
V–OUT
50
Ω
50
Ω
≥0.047 µF
≥0.047 µF
COUPLING CAPACITORS
OPTIONAL
25 k
Ω
110 pF
V–REF
V–IN
0.1
µF
5
Ω
50
Ω
9
10
11
25 k
Ω
50
Ω
12
V+IN
V+REF
110 pF
5
Ω
0.047
µF
50
Ω
0.047
µF
TF1001A FIXTURE BOUNDARY
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com