Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG1602AXB Datasheet(PDF) 2 Page - Agere Systems

Part # LG1602AXB
Description  LG1602 Decision Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1602AXB Datasheet(HTML) 2 Page - Agere Systems

  LG1602AXB Datasheet HTML 1Page - Agere Systems LG1602AXB Datasheet HTML 2Page - Agere Systems LG1602AXB Datasheet HTML 3Page - Agere Systems LG1602AXB Datasheet HTML 4Page - Agere Systems LG1602AXB Datasheet HTML 5Page - Agere Systems LG1602AXB Datasheet HTML 6Page - Agere Systems LG1602AXB Datasheet HTML 7Page - Agere Systems LG1602AXB Datasheet HTML 8Page - Agere Systems LG1602AXB Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Data Sheet
LG1602 Decision Circuit
February 1999
2
Lucent Technologies Inc.
Pin Information
12-3223(F).ar.2
Figure 2. Pin Diagram
Table 1. Pin Descriptions
Pin
Symbol
Name/Description
2V+CLK
Clock Input. May be grounded, if not used.
3V–CLK
Clock Input. May be grounded, if not used.
4VSS
dc Supply Voltage.
5V–OUT
Negative Data Output. ac couple or terminate with 50
Ω to GND.
6V+OUT
Positive Data Output. ac couple or terminate with 50
Ω to GND.
9V–REF
Data Negative Reference. Bypass to GND with 0.047 µF in series with 5
Ω.
10
V–IN
Negative Data Input. ac couple with 0.047 µF.
11
V+IN
Positive Data Input. ac couple with 0.047 µF.
12
V+REF
Data Positive Reference. Bypass to GND with 0.047 µF in series with 5
Ω.
1, 15, 16,
Package
Back
GND
Ground. For optimum performance, package back should contact board ground
plane.
7, 8, 13, 14
NC
No Connection.
GND
VSS
1
2
3
4
V+REF
12
11
10
9
16
15
14
13
GND GND
NC
567
8
V–OUT V+OUT
NC
V+IN
V–IN
V–REF
NC
NC
V+CLK
V–CLK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com