Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSWM81EB0 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SSWM81EB0
Description  Side View LEd Of Reflector Type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSWM81EB0 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SSWM81EB0 Datasheet HTML 3Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 4Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 5Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 6Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 7Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 8Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 9Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 10Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[7 /18]
[7 /18]
Forward Voltage vs. Ambient Temperature
Relative Luminosity
vs. Ambient Temperature
Color Coordinate vs. Ambient Temperature
Spectrum
-30 -15
0
15
30
45
60
75
90
0.96
0.98
1.00
1.02
1.04
IF = 20 mA
Ambient Temperature [
o
C]
-45 -30 -15 0
15 30 45 60 75 90
0.8
0.9
1.0
1.1
1.2
I
F = 20 mA
Ambient Temperature [
oC]
0.290
0.295
0.300
0.264
0.266
0.268
0.270
0.272
50
o
C
25
o
C
0
o
C
-30
oC
I
F = 20 mA
x Coord.
85
oC
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength[nm]
T
a
=25
oC
I
F
=20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com