Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSWM81EB0 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SSWM81EB0
Description  Side View LEd Of Reflector Type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSWM81EB0 Datasheet(HTML) 5 Page - Seoul Semiconductor

  SSWM81EB0 Datasheet HTML 1Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 2Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 3Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 4Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 5Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 6Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 7Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 8Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[5 /18]
[5 /18]
2. Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power Dissipation
P
d
*1
90
mW
DC Forward Current
I
F
30
mA
Peak Forward Current
I
FM
*2
100
mA
Reverse Voltage
V
R
5
V
Operating Temperature
T
opr
-30 ~ +85
ºC
Storage Temperature
T
stg
-40 ~ +100
ºC
Junction Temperature
Tj max
105
ºC
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
*2 I
FM was measured at TW ≤ 0.1msec of pulse width and D ≤ 1/10 of duty ratio.
3. Electro-Optical characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward
Voltage
Rank Z26
V
F
I
F =20mA
2.6
-
2.8
V
Rank Z28
2.8
-
3.0
Reverse Current
I
R
V
R=5V
-
-
50
A
Luminous
Flux**1
Rank X690
L
m
I
F =20mA
6.9
-
7.2
lm
Rank X720
7.2
-
7.5
Rank X750
7.5
-
7.8
Rank X780
7.8
-
8.1
Rank X810
8.1
-
8.4
Rank X840
8.4
-
8.7
Viewing Angle *2
2
½
I
F =20mA
120
deg.
(T
a = 25℃)
(T
a = 25℃)
* 1 Luminous Flux Measurement allowance is ±10%.
* 2
1/2
is the off-axis where the luminous intensity is 1/2 of the peak intensity.
* Tolerance of measurements of the Color Coordinates is ±0.007
* Tolerance of measurements of the Forward Voltage is ±0.1V
* The preliminary color coordinate can be changed without notice
* Note : All products confirm to the listed minimum and maximum specifications for electric and optical
characteristics, when operated at 20mA within the maximum ratings shown above.
All measurements were made under the standardized environment of Seoul Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com