Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSWM81EB0 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SSWM81EB0
Description  Side View LEd Of Reflector Type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSWM81EB0 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SSWM81EB0 Datasheet HTML 2Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 3Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 4Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 5Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 6Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 7Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 8Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 9Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[6 /18]
[6 /18]
Forward Current vs. Forward Voltage
Intensity vs. Forward Current
Color Coordinate vs. Forward Current
Radiation Diagram
4. Characteristic Diagram
y
x
2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3
-10
0
10
20
30
40
50
60
70
80
90
100
Ta = 25
OC
Forward Voltage [V]
-10 0 10 20 30 40 50 60 70 80 90 100
0
50
100
150
200
250
300
350
400
450
Ta = 25
OC
Forward Current [mA]
0.290
0.295
0.300
0.305
0.276
0.280
0.284
0.288
0.292
0.296
0.300
0.304
0.308
0.312
100 mA
30 mA
5 mA
20 mA
10 mA
Ta = 25
OC
1 mA
x Coord.
-90
-60
-30
90
60
30
0
x
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com