Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSWM81EB0 Datasheet(PDF) 12 Page - Seoul Semiconductor

Part # SSWM81EB0
Description  Side View LEd Of Reflector Type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSWM81EB0 Datasheet(HTML) 12 Page - Seoul Semiconductor

Back Button SSWM81EB0 Datasheet HTML 8Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 9Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 10Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 11Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 12Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 13Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 14Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 15Page - Seoul Semiconductor SSWM81EB0 Datasheet HTML 16Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[12 /18]
[12 /18]
Available ranks
Bin Code
Luminous Flux
CIE
Forward
Voltage
X750
E20
Z27
Color Rank
@ I
F = 20mA
2
3
A20
A30
B20
B30
C20
C30
D20
D30
E20
E30
F20
F30
G20
G30
H20
H30
I20
I30
J20
J30
K20
K30
Forward Voltage (V)
@ I
F = 20mA
Bin
Code
Min.
Max.
Z26
2.6
2.8
Z28
2.8
3.0
Luminous Flux (lm)
@ I
F = 20mA
Bin
Code
Min.
Max.
X690
6.9
7.2
X720
7.2
7.5
X750
7.5
7.8
X780
7.8
8.1
X810
8.1
8.4
X840
8.4
8.7
* Bin Code description
▷ Part Number : SSWM81EB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com