Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWBF0B Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SWBF0B
Description  Side View LED of Reflector type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWBF0B Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SWBF0B Datasheet HTML 3Page - Seoul Semiconductor SWBF0B Datasheet HTML 4Page - Seoul Semiconductor SWBF0B Datasheet HTML 5Page - Seoul Semiconductor SWBF0B Datasheet HTML 6Page - Seoul Semiconductor SWBF0B Datasheet HTML 7Page - Seoul Semiconductor SWBF0B Datasheet HTML 8Page - Seoul Semiconductor SWBF0B Datasheet HTML 9Page - Seoul Semiconductor SWBF0B Datasheet HTML 10Page - Seoul Semiconductor SWBF0B Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Rev. 01
Rev. 01
February, 2013
February, 2013
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[7
7 /17]
/17]
Forward Voltage vs. Ambient Temperature
Relative Luminosity
vs. Ambient Temperature
Color Coordinate vs. Ambient Temperature
Spectrum
-45 -30 -15
0
15 30 45 60 75 90
0.68
0.70
0.72
0.74
0.76
0.78
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
IF = 20 mA
Ambient Temperature [
o
C]
-45 -30 -15 0
15 30 45 60 75 90
0.8
0.9
1.0
1.1
1.2
Ambient Temperature [
o
C]
0.28
0.29
0.30
0.31
0.32
0.275
0.280
0.285
0.290
0.295
0.300
0.305
50
o
C
25
o
C
0
oC
-30
oC
IF = 20 mA
x Coord.
85
oC
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Ta =25
OC
Wavelength[nm]
I
F =20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com