Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWBF0B Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SWBF0B
Description  Side View LED of Reflector type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWBF0B Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SWBF0B Datasheet HTML 7Page - Seoul Semiconductor SWBF0B Datasheet HTML 8Page - Seoul Semiconductor SWBF0B Datasheet HTML 9Page - Seoul Semiconductor SWBF0B Datasheet HTML 10Page - Seoul Semiconductor SWBF0B Datasheet HTML 11Page - Seoul Semiconductor SWBF0B Datasheet HTML 12Page - Seoul Semiconductor SWBF0B Datasheet HTML 13Page - Seoul Semiconductor SWBF0B Datasheet HTML 14Page - Seoul Semiconductor SWBF0B Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Rev. 01
Rev. 01
February, 2013
February, 2013
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[11
11 /17]
/17]
* Bin Code description
Bin Code
Luminous
Intensity
CIE
Forward
Voltage
S18H
E2S
z30
▷ Part Number : SWBF0B
Color Rank
@ IF = 20mA
A2S
C2S
E2S
G2S
I2S
K2S
Forward Voltage (V)
@ IF = 20mA
Bin
Code
Min.
Max.
Z28
2.8
3.0
Z30
3.0
3.2
Z32
3.2
3.4
z30
3.0
3.4
Luminous Intensity(mcd)
@ IF = 20mA
Bin
Code
Min.
Max.
S15H
1500
1600
S16H
1600
1700
S17H
1700
1800
S18H
1800
1900
S19H
1900
2000
S20H
2000
2100
S21H
2100
2200
Available ranks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com