Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWBF0B Datasheet(PDF) 15 Page - Seoul Semiconductor

Part # SWBF0B
Description  Side View LED of Reflector type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWBF0B Datasheet(HTML) 15 Page - Seoul Semiconductor

Back Button SWBF0B Datasheet HTML 9Page - Seoul Semiconductor SWBF0B Datasheet HTML 10Page - Seoul Semiconductor SWBF0B Datasheet HTML 11Page - Seoul Semiconductor SWBF0B Datasheet HTML 12Page - Seoul Semiconductor SWBF0B Datasheet HTML 13Page - Seoul Semiconductor SWBF0B Datasheet HTML 14Page - Seoul Semiconductor SWBF0B Datasheet HTML 15Page - Seoul Semiconductor SWBF0B Datasheet HTML 16Page - Seoul Semiconductor SWBF0B Datasheet HTML 17Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Rev. 01
Rev. 01
February, 2013
February, 2013
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[15
15 /17]
/17]
2) Reel Packing Structure
Semiconductor EcoLight
245 (mm)
Acriche
RoHS
TUV
220 (mm)
MADE IN KOREA
TYPE
7inch
142 (mm)
SIZE (mm)
245
220
245
220
a
b
142
80
c
Outer Box Structure
Reel
Humidity indicator
Desiccant
Aluminum Vinyl Bag
Symbol
Meaning
Example
aaaaa
THE DATE
09A23 (Year : 09, A : Month, 23 : day)
bbbbb
SSC’s Number
Ex) S0017
0001~9999 allowance
ccc-ccc
Order of Taping
014-001
ddddddd
SSC’s Number
7300024(Automatic)
3) Lot Number
The lot number is composed of the following characters
aaaaabbbbb-ccc-ccc-ddddddd
Q UA NTITY : 3500
XX XXX XX XX X
RAN K :
LOT N UM BER : aaaaabbbbb-ddddddd
SW BF0B
SSC PA RT N UM BER : SW BF0B
M aterial : Paper(SW 3B(B))
SEOUL
LOT NUMBER : aaaaabbbbb-ccc-ccc-ddddddd
Box Label
Barcode Label
RANK :
XXXXXXXXXX
QUANTITY : 3500
SWBF0B
SSC PART NUMBER : SWBF0B
Material : Paper(SW3B(B))
SEOUL
Box Label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com