Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWBF0B Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SWBF0B
Description  Side View LED of Reflector type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWBF0B Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SWBF0B Datasheet HTML 2Page - Seoul Semiconductor SWBF0B Datasheet HTML 3Page - Seoul Semiconductor SWBF0B Datasheet HTML 4Page - Seoul Semiconductor SWBF0B Datasheet HTML 5Page - Seoul Semiconductor SWBF0B Datasheet HTML 6Page - Seoul Semiconductor SWBF0B Datasheet HTML 7Page - Seoul Semiconductor SWBF0B Datasheet HTML 8Page - Seoul Semiconductor SWBF0B Datasheet HTML 9Page - Seoul Semiconductor SWBF0B Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Rev. 01
Rev. 01
February, 2013
February, 2013
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[6
6 /17]
/17]
Forward Current vs. Forward Voltage
Intensity vs. Forward Current
Color Coordinate vs. Forward Current
Radiation Diagram
4. Characteristic Diagram
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4
-10
0
10
20
30
40
50
60
70
80
90
Ta = 25
OC
Forward Voltage [V]
-10 0
10 20 30 40 50 60 70 80 90
0
50
100
150
200
250
300
Ta = 25
OC
Forward Current [mA]
0
0.280
0.285
0.290
0.295
0.300
0.276
0.280
0.284
0.288
0.292
0.296
80 mA
25 mA
5 mA
10 mA
20 mA
Ta = 25
OC
1 mA
x Coord.
-90
o
-60
o
-30
o
0
o
30
o
60
o
90
o
X-axis
Y-axis
Relative illuminance (a.u.)
y
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com