Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS2P102 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MMDFS2P102
Description  P-Channel Power MOSFET with Schottky Rectifier 20 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDFS2P102 Datasheet(HTML) 4 Page - Motorola, Inc

  MMDFS2P102 Datasheet HTML 1Page - Motorola, Inc MMDFS2P102 Datasheet HTML 2Page - Motorola, Inc MMDFS2P102 Datasheet HTML 3Page - Motorola, Inc MMDFS2P102 Datasheet HTML 4Page - Motorola, Inc MMDFS2P102 Datasheet HTML 5Page - Motorola, Inc MMDFS2P102 Datasheet HTML 6Page - Motorola, Inc MMDFS2P102 Datasheet HTML 7Page - Motorola, Inc MMDFS2P102 Datasheet HTML 8Page - Motorola, Inc MMDFS2P102 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MMDFS2P102
4
Motorola TMOS Product Preview Data
TYPICAL FET ELECTRICAL CHARACTERISTICS
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On–Resistance versus
Gate–To–Source Voltage
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–To–Source Leakage
Current versus Voltage
1.2
0
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
4.0
3.0
2.0
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
3.5
1.0
3.0
2.0
1.0
0
8.0
10
0
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
0.6
0.4
0.3
0.2
0.1
0
ID, DRAIN CURRENT (AMPS)
0.5
0
0.20
0.16
0.12
0.08
0.04
1.0
–25
25
–50
TJ, JUNCTION TEMPERATURE (°C)
1.2
0.8
0.6
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
5.0
20
0
100
1.0
15
0
1.0
0
0.6
0.2
0.4
0.8
1.0
1.4
1.6
1.5
2.0
2.5
3.0
4.0
2.0
4.0
6.0
1.5
2.0
2.5
3.0
3.5
4.0
50
100
75
1.0
10
10
1.8
0.5
125
150
1.4
1.6
VGS = 10 V
ID = 2.0 A
VGS = 0 V
TJ = 125°C
100
°C
TJ = 25°C
VGS = 4.5 V
10 V
TJ = 25°C
ID = 1.0 A
VDS ≥ 10 V
TJ = – 55°C
100
°C
25
°C
TJ = 25°C
3.1 V
VGS = 2.4 V
10 V
4.5 V
3.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com