Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS2P102 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMDFS2P102
Description  P-Channel Power MOSFET with Schottky Rectifier 20 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDFS2P102 Datasheet(HTML) 5 Page - Motorola, Inc

  MMDFS2P102 Datasheet HTML 1Page - Motorola, Inc MMDFS2P102 Datasheet HTML 2Page - Motorola, Inc MMDFS2P102 Datasheet HTML 3Page - Motorola, Inc MMDFS2P102 Datasheet HTML 4Page - Motorola, Inc MMDFS2P102 Datasheet HTML 5Page - Motorola, Inc MMDFS2P102 Datasheet HTML 6Page - Motorola, Inc MMDFS2P102 Datasheet HTML 7Page - Motorola, Inc MMDFS2P102 Datasheet HTML 8Page - Motorola, Inc MMDFS2P102 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MMDFS2P102
5
Motorola TMOS Product Preview Data
TYPICAL FET ELECTRICAL CHARACTERISTICS
Mounted on 2
″ sq. FR4 board (1″ sq. 2 oz. Cu 0.06″
thick single sided) with one die operating, 10 s max.
Figure 7. Capacitance Variation
Figure 8. Gate–To–Source and
Drain–To–Source Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
Figure 10. Diode Forward Voltage versus
Current
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
5.0
20
–10
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (VOLTS)
1200
800
1000
600
QG, TOTAL GATE CHARGE (nC)
16
0
6.0
4.0
2.0
0
100
1.0
RG, GATE RESISTANCE (OHMS)
1000
100
10
VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
0.5
2.0
1.6
1.2
0.8
0.4
0
0.7
0.1
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
0.1
0.01
TJ, STARTING JUNCTION TEMPERATURE (°C)
50
150
25
350
300
50
0
1.0
400
200
0
– 5.0
0
10
4.0
8.0
12
12
10
0.9
1.1
1.3
1.5
10
1.0
75
100
125
100
15
100
10
100
10
8.0
150
200
250
ID = 6.0 A
VDS = 0 VGS = 0
TJ = 25°C
VGS = 0 V
TJ = 25°C
Ciss
Ciss
Coss
Crss
Crss
ID = 2.0 A
TJ = 25°C
VDS
VGS
QT
Q2
Q1
Q3
td(off)
td(on)
tr
tf
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
dc
10 ms
1.0 ms
100
ms
10
ms
VGS = 20 V
SINGLE PULSE
TC = 25°C
VGS
VDS
0
18
16
14
12
10
8.0
6.0
4.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com