Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS2P102 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDFS2P102
Description  P-Channel Power MOSFET with Schottky Rectifier 20 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDFS2P102 Datasheet(HTML) 1 Page - Motorola, Inc

  MMDFS2P102 Datasheet HTML 1Page - Motorola, Inc MMDFS2P102 Datasheet HTML 2Page - Motorola, Inc MMDFS2P102 Datasheet HTML 3Page - Motorola, Inc MMDFS2P102 Datasheet HTML 4Page - Motorola, Inc MMDFS2P102 Datasheet HTML 5Page - Motorola, Inc MMDFS2P102 Datasheet HTML 6Page - Motorola, Inc MMDFS2P102 Datasheet HTML 7Page - Motorola, Inc MMDFS2P102 Datasheet HTML 8Page - Motorola, Inc MMDFS2P102 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola TMOS Product Preview Data
Designer's™ Data Sheet
FETKY™
MOSFET and Schottky Rectifier
The FETKY
™ product family incorporates low RDS(on), true logic level MOSFETs
packaged with industry leading, low forward drop, low leakage Schottky Barrier rectifiers
to offer high efficiency components in a space saving configuration. Independent pinouts
for TMOS and Schottky die allow the flexibility to use a single component for switching
and rectification functions in a wide variety of applications such as Buck Converter,
Buck–Boost, Synchronous Rectification, Low Voltage Motor Control, and Load Manage-
ment in Battery Packs, Chargers, Cell Phones and other Portable Products.
• HDTMOS Power MOSFET with Low VF, Low IR Schottky Rectifier
• Lower Component Placement and Inventory Costs along with
Board Space Savings
• Logic Level Gate Drive — Can be Driven by Logic ICs
• Mounting Information for SO–8 Package Provided
• IDSS Specified at Elevated Temperature
• Applications Information Provided
MOSFET MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) (1)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MW)
VDGR
20
Vdc
Gate–to–Source Voltage — Continuous
VGS
"20
Vdc
Drain Current (3) — Continuous @ TA = 25°C
— Continuous @ TA = 100°C
— Single Pulse (tp
v 10 ms)
ID
ID
IDM
3.3
2.1
20
Adc
Apk
Total Power Dissipation @ TA = 25°C (2)
PD
2.0
Watts
Single Pulse Drain–to–Source Avalanche Energy — STARTING TJ = 25°C
VDD = 30 Vdc, VGS = 5.0 Vdc, VDS = 20 Vdc, IL = 9.0 Apk, L = 10 mH, RG = 25 W
EAS
324
mJ
SCHOTTKY RECTIFIER MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VR
20
Volts
Average Forward Current (3) (Rated VR) TA = 100°C
IO
1.0
Amps
Peak Repetitive Forward Current (3) (Rated VR, Square Wave, 20 kHz) TA = 105°C
Ifrm
2.0
Amps
Non–Repetitive Peak Surge Current
(Surge applied at rated load conditions, halfwave, single phase, 60 Hz)
Ifsm
20
Amps
DEVICE MARKING
ORDERING INFORMATION
2P102
Device
Reel Size
Tape Width
Quantity
2P102
MMDFS2P102R2
13
″
12 mm embossed tape
2500 units
(1) Negative sign for P–channel device omitted for clarity.
(2) Pulse Test: Pulse Width
≤ 250 µs, Duty Cycle ≤ 2.0%.
(3) Mounted on 2
″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided), 10 sec. max.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
HDTMOS and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
FETKY is a trademark of International Rectifier.
Order this document
by MMDFS2P102/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMDFS2P102
P–Channel Power MOSFET
with Schottky Rectifier
20 Volts
RDS(on) = 0.16 W
VF = 0.39 Volts
CASE 751–05, Style 18
(SO– 8)
1
2
3
4
8
7
6
5
A
A
S
G
C
C
D
D
TOP VIEW
™
© Motorola, Inc. 1997


Similar Part No. - MMDFS2P102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDFS2P102 ONSEMI-MMDFS2P102 Datasheet
249Kb / 11P
Power MOSFET
August, 2006 ??Rev. 2
MMDFS2P102R2 ONSEMI-MMDFS2P102R2 Datasheet
249Kb / 11P
Power MOSFET
August, 2006 ??Rev. 2
More results

Similar Description - MMDFS2P102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF1P02ELT1 ONSEMI-MGSF1P02ELT1 Datasheet
74Kb / 8P
Power MOSFET 750 mAmps, 20 Volts P-Channel SOT-23
November, 2000 ??Rev. 2
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
71Kb / 8P
Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
September, 2002 ??Rev. 0
logo
Advanced Power Electron...
AP6923O A-POWER-AP6923O Datasheet
73Kb / 4P
P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
ON Semiconductor
NTTS2P02R2 ONSEMI-NTTS2P02R2 Datasheet
98Kb / 8P
Power MOSFET -2.4 Amps, -20 Volts Single P-Channel Micro8
December, 2000 ??Rev. 4
NTMD6P02R2 ONSEMI-NTMD6P02R2 Datasheet
124Kb / 8P
Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
November, 2000 ??Rev. 1
logo
Micro Commercial Compon...
MBR20120FCT MCC-MBR20120FCT Datasheet
761Kb / 3P
20 Am p High Voltage Power Schottky Barrier Rectifier 120 Volts
logo
GTM CORPORATION
GTS6923 GTM-GTS6923 Datasheet
333Kb / 4P
P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
Vishay Siliconix
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
P-Channel 20-V (D-S) MOSFET with Schottky Diode
13-Jun-05
logo
Silicon Standard Corp.
SSM6923O SSC-SSM6923O Datasheet
425Kb / 5P
P-CHANNEL POWER MOSFET WITH SCHOTTKY DIODE
logo
Kersemi Electronic Co.,...
MBR20120FCT KERSEMI-MBR20120FCT Datasheet
1,016Kb / 2P
20 Am p High Voltage Power Schottky Barrier Rectifier 120 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com