Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS2P102 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMDFS2P102
Description  P-Channel Power MOSFET with Schottky Rectifier 20 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDFS2P102 Datasheet(HTML) 3 Page - Motorola, Inc

  MMDFS2P102 Datasheet HTML 1Page - Motorola, Inc MMDFS2P102 Datasheet HTML 2Page - Motorola, Inc MMDFS2P102 Datasheet HTML 3Page - Motorola, Inc MMDFS2P102 Datasheet HTML 4Page - Motorola, Inc MMDFS2P102 Datasheet HTML 5Page - Motorola, Inc MMDFS2P102 Datasheet HTML 6Page - Motorola, Inc MMDFS2P102 Datasheet HTML 7Page - Motorola, Inc MMDFS2P102 Datasheet HTML 8Page - Motorola, Inc MMDFS2P102 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMDFS2P102
3
Motorola TMOS Product Preview Data
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (1)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Voltage
(VGS = 0 Vdc, ID = 0.25 mA)
Temperature Coefficient (Positive)
V(BR)DSS
20
—
—
25
—
—
Vdc
mV/
°C
Zero Gate Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
—
—
—
—
1.0
10
µAdc
Gate Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
—
—
100
nAdc
ON CHARACTERISTICS (2)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mA)
Temperature Coefficient (Negative)
VGS(th)
1.0
—
1.5
4.0
2.0
—
Vdc
mV/
°C
Static Drain–Source Resistance
(VGS = 10 Vdc, ID = 2.0 Adc)
(VGS = 4.5 Vdc, ID = 2.5 Adc)
RDS(on)
—
—
0.118
0.152
0.160
0.180
Ohms
Forward Transconductance (VDS = 3.0 Vdc, ID = 1.0 Adc)
gFS
2.0
3.0
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
16 Vdc V
0 Vdc
Ciss
—
420
588
pF
Output Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
—
290
406
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
—
116
232
SWITCHING CHARACTERISTICS (3)
Turn–On Delay Time
(V
10 Vd
I
2 0 Ad
td(on)
—
19
38
ns
Rise Time
(VDS = 10 Vdc, ID = 2.0 Adc,
VGS =4 5Vdc
tr
—
66
132
Turn–Off Delay Time
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(off)
—
25
50
Fall Time
G
)
tf
—
37
74
Gate Charge
(V
16 Vd
I
2 0 Ad
QT
—
15
20
nC
(VDS = 16 Vdc, ID = 2.0 Adc,
Q1
—
1.2
—
( DS
, D
,
VGS = 10 Vdc)
Q2
—
5.0
—
Q3
—
4.0
—
DRAIN SOURCE DIODE CHARACTERISTICS
Forward On–Voltage (2)
(IS = 2.0 Adc,
VGS = 0 Vdc)
VSD
—
1.5
2.1
V
Reverse Recovery Time
(I
2 0 Ad
V
15 V
trr
—
38
—
ns
(IS = 2.0 Adc, VDD = 15 V,
ta
—
17
—
( S
,
DD
,
dIS/dt = 100 A/
µs)
tb
—
21
—
Reverse Recovery Stored Charge
QRR
—
0.034
—
µC
SCHOTTKY RECTIFIER ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Maximum Instantaneous Forward Voltage (2)
I1 0 A
VF
TJ = 25°C
TJ = 125°C
Volts
IF = 1.0 A
IF = 2.0 A
0.47
0.58
0.39
0.53
Maximum Instantaneous Reverse Current (2)
V20 V
IR
TJ = 25°C
TJ = 125°C
mA
VR = 20 V
0.05
10
Maximum Voltage Rate of Change
VR = 20 V
dV/dt
10,000
V/
ms
(1) Negative sign for P–channel device omitted for clarity.
(2) Pulse Test: Pulse Width
≤ 300 µsec, Duty Cycle ≤ 2.0%.
(3) Switching characteristics are independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com