Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DHTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS2DHTR
Description  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DHTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS2DHTR Datasheet HTML 7Page - STMicroelectronics LIS2DHTR Datasheet HTML 8Page - STMicroelectronics LIS2DHTR Datasheet HTML 9Page - STMicroelectronics LIS2DHTR Datasheet HTML 10Page - STMicroelectronics LIS2DHTR Datasheet HTML 11Page - STMicroelectronics LIS2DHTR Datasheet HTML 12Page - STMicroelectronics LIS2DHTR Datasheet HTML 13Page - STMicroelectronics LIS2DHTR Datasheet HTML 14Page - STMicroelectronics LIS2DHTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
LIS2DH
Mechanical and electrical specifications
Doc ID 022516 Rev 1
11/49
2.2
Temperature sensor characteristics
@ Vdd =2.5 V, T=25 °C unless otherwise noted(b)
TCOff
Zero-
g level change
vs temperature
Max delta from 25 °C
±0.5
m
g/°C
Vst
Self-test
output change(5),(6),(7)
FS bit set to 00
X axis; Normal mode
17
360
LSb
FS bit set to 00
Y axis; Normal mode
17
360
LSb
FS bit set to 00
Z axis; Normal mode
17
360
LSb
Top
Operating
temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Verified by wafer level test and measurement of initial offset and sensitivity.
3.
Typical zero-g level offset value after MSL3 preconditioning.
4.
Offset can be eliminated by enabling the built-in high pass filter.
5.
The sign of “Self-test output change” is defined by CTRL_REG4 ST bit, for all axes.
6.
“Self-test output change” is defined as the absolute value of:
OUTPUT[LSb](Self test enabled) - OUTPUT[LSb](Self test disabled). 1LSb=4mg at 10bit representation, ±2 g Full-scale
7.
After enabling ST, correct data is obtained after two samples (Low power mode / Normal mode) or after eight samples (high
resolution mode).
Table 3.
Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
b.
The product is factory calibrated at 2.5 V. Temperature sensor operation is guaranteed in the range 2 V - 3.6 V
Table 4.
Temperature sensor characteristics
Symbol
Parameter
Min.
Typ.(1)
1.
Typical specifications are not guaranteed.
Max.
Unit
TSDr
Temperature sensor output
change vs temperature
1
digit/°C(2)
2.
8-bit resolution.
TODR
Temperature refresh rate
ODR(3)
3.
Refer to Table 28: Data rate configuration.
Hz
Top
Operating temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com