Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DHTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # LIS2DHTR
Description  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DHTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LIS2DHTR Datasheet HTML 27Page - STMicroelectronics LIS2DHTR Datasheet HTML 28Page - STMicroelectronics LIS2DHTR Datasheet HTML 29Page - STMicroelectronics LIS2DHTR Datasheet HTML 30Page - STMicroelectronics LIS2DHTR Datasheet HTML 31Page - STMicroelectronics LIS2DHTR Datasheet HTML 32Page - STMicroelectronics LIS2DHTR Datasheet HTML 33Page - STMicroelectronics LIS2DHTR Datasheet HTML 34Page - STMicroelectronics LIS2DHTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
LIS2DH
Register mapping
Doc ID 022516 Rev 1
31/49
Registers marked as Reserved or not listed in the table above must not be changed. The
writing to those registers may cause permanent damages to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered-up.
Boot procedure is complete about 5 milliseconds just after powered up the device.
INT2_CFG
rw
34
011 0100 00000000
INT2_SOURCE
r
35
011 0101 00000000
INT2_THS
rw
36
011 0110 00000000
INT2_DURATION
rw
37
011 0111 00000000
CLICK_CFG
rw
38
011 1000 00000000
CLICK_SRC
r
39
011 1001 00000000
CLICK_THS
rw
3A
011 1010 00000000
TIME_LIMIT
rw
3B
011 1011 00000000
TIME_LATENCY
rw
3C
011 1100 00000000
TIME_WINDOW
rw
3D
011 1101 00000000
Act_THS
rw
3E
011 1110 00000000
Act_DUR
rw
3F
011 1111 00000000
Table 19.
Register address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com