Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DHTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # LIS2DHTR
Description  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DHTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LIS2DHTR Datasheet HTML 32Page - STMicroelectronics LIS2DHTR Datasheet HTML 33Page - STMicroelectronics LIS2DHTR Datasheet HTML 34Page - STMicroelectronics LIS2DHTR Datasheet HTML 35Page - STMicroelectronics LIS2DHTR Datasheet HTML 36Page - STMicroelectronics LIS2DHTR Datasheet HTML 37Page - STMicroelectronics LIS2DHTR Datasheet HTML 38Page - STMicroelectronics LIS2DHTR Datasheet HTML 39Page - STMicroelectronics LIS2DHTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Registers Description
LIS2DH
36/49
Doc ID 022516 Rev 1
7.10
CTRL_REG5 (24h)
7.11
CTRL_REG6 (25h)
Table 37.
CTRL_REG5 register
BOOT
FIFO_EN
--
--
LIR_INT1
D4D_INT1
LIR_INT2
D4D_INT2
Table 38.
CTRL_REG5 description
BOOT
Reboot memory content. Default value: 0
(0: Normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO Enable)
LIR_INT1
Latch interrupt request on INT1_SRC register, with INT1_SRC register cleared by
reading INT1_SRC itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
D4D_INT1
4D enable: 4D detection is enabled on INT1 pin when 6D bit on INT1_CFG is set to
1.
LIR_INT2
Latch interrupt request on INT2_SRC register, with INT2_SRC register cleared by
reading INT2_SRC itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
D4D_INT2
4D enable: 4D detection is enabled on INT2 pin when 6D bit on INT2_CFG is set to
1.
Table 39.
CTRL_REG6 register
I2_CLICKen I2_INT1
I2_INT2
BOOT_I2
P2_ACT
- -
H_LACTIVE
-
Table 40.
CTRL_REG6 description
I2_CLICKen
Click interrupt on INT2 pin. Default value: 0
(0: disable; 1: enable)
I2_INT1
Interrupt 1 function enabled on INT2 pin. Default value: 0
(0: function disable; 1: function enable)
I2_INT2
Interrupt 2 function enabled on INT2 pin. Default value: 0
(0: function disable; 1: function enable)
BOOT_I2
Boot on INT2 pin enable. Default value: 0
(0: disable; 1:enable)
P2_ACT
Activity interrupt enable on INT2 pin. Default value: 0.
(0: disable; 1:enable)
H_LACTIVE
interrupt active. Default value: 0.
(0: interrupt active high; 1: interrupt active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com