Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DHTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LIS2DHTR
Description  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DHTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LIS2DHTR Datasheet HTML 28Page - STMicroelectronics LIS2DHTR Datasheet HTML 29Page - STMicroelectronics LIS2DHTR Datasheet HTML 30Page - STMicroelectronics LIS2DHTR Datasheet HTML 31Page - STMicroelectronics LIS2DHTR Datasheet HTML 32Page - STMicroelectronics LIS2DHTR Datasheet HTML 33Page - STMicroelectronics LIS2DHTR Datasheet HTML 34Page - STMicroelectronics LIS2DHTR Datasheet HTML 35Page - STMicroelectronics LIS2DHTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Registers Description
LIS2DH
32/49
Doc ID 022516 Rev 1
7
Registers Description
7.1
STATUS_AUX (07h)
7.2
OUT_TEMP_L (0Ch), OUT_TEMP_H (0Dh)
Temperature sensor data. Refer to Section 2.11: Temperature sensor for details on how to
enable and read the temperature sensor output data.
7.3
INT_COUNTER (0Eh)
7.4
WHO_AM_I (0Fh)
Device identification register.
7.5
TEMP_CFG_REG (1Fh)
Table 20.
STATUS_REG_AUX register
--
TOR
--
--
--
TDA
--
--
Table 21.
STATUS_REG_AUX description
TOR
Temperature Data Overrun. Default value: 0
(0: no overrun has occurred;
1: a new temperature data has overwritten the previous one)
TDA
Temperature new Data Available. Default value: 0
(0: a new temperature data is not yet available;
1: a new temperature data is available)
Table 22.
INT_COUNTER register
IC7IC6
IC5IC4
IC3IC2
IC1
IC0
Table 23.
WHO_AM_I register
00
110
01
1
Table 24.
TEMP_CFG_REG register
TEMP_EN1 TEMP_EN0
00
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com