Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP196ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP196ACBZ-R7
Description  5 V, 3 A, Logic Controlled High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP196ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP196ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
5 V, 3 A, Logic Controlled
High-Side Power Switch
Data Sheet
ADP196
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low RDSON: 10 mΩ (WLCSP) or 27 mΩ (LFCSP)
Wide input voltage range: 1.8 V to 5.5 V
Quick output discharge (QOD) circuit (ADP196-01)
3 A continuous operating current to 70°C
1.2 V logic-compatible enable input
Low 25 μA quiescent current, VIN = 1.8 V
Low 40 μA quiescent current, VIN = 5.5 V
Overtemperature and overcurrent protection
Ultralow shutdown current: <1 μA
Ultrasmall 1.0 mm × 1.5 mm, 0.5 mm pitch, 6-ball WLCSP
Tiny 2.0 mm × 2.0 mm × 0.55 mm, 0.65 mm pitch, 6-lead LFCSP
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
TYPICAL APPLICATION CIRCUIT
GND
EN
LOAD
VIN
VOUT
ADP196
CHARGE PUMP
OVERCURRENT
AND SLEW RATE
CONTROL
OFF
ON
+
OVERTEMPERATURE
PROTECTION
Figure 1.
GENERAL DESCRIPTION
The ADP196 is a high-side load switch designed for operation
from 1.8 V to 5.5 V. This load switch provides power domain
isolation, helping to extend battery operation. The device contains
a low on-resistance, N-channel MOSFET that supports more
than 3 A of continuous current and minimizes power loss. In
addition, RDSON is constant, independent of the VIN voltage.
The low 25 μA quiescent current and ultralow shutdown current
make the ADP196 ideal for battery-powered portable equipment.
The built-in level shifter for enable logic makes the ADP196
compatible with many processors and GPIO controllers.
Overtemperature protection circuitry is activated if the junction
temperature exceeds 125°C, thereby protecting the ADP196 and
downstream circuits from potential damage. Overcurrent pro-
tection is provided in the form of constant current limiting.
The ADP196-01 incorporates an internal quick output discharge
circuit to discharge the output capacitance when the ADP196-01
output is disabled.
The ADP196 in the WLCSP package occupies minimal printed
circuit board (PCB) area with a footprint of less than 1.5 mm2
and a height of 0.60 mm.
The ADP196 is available in an ultrasmall, 1.0 mm × 1.5 mm,
0.5 mm pitch, 6-ball WLCSP and a 2.0 mm × 2.0 mm × 0.55 mm,
0.65 mm pitch, 6-lead LFCSP.


Similar Part No. - ADP196ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP196 AD-ADP196 Datasheet
402Kb / 13P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
More results

Similar Description - ADP196ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP197 AD-ADP197 Datasheet
269Kb / 16P
5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
REV. 0
logo
NXP Semiconductors
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 2-4 November 2011
logo
Analog Devices
ADP196 AD-ADP196 Datasheet
402Kb / 13P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP1196 AD-ADP1196 Datasheet
417Kb / 12P
5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
REV. 0
logo
NXP Semiconductors
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
logo
Analog Devices
ADP1290 AD-ADP1290 Datasheet
414Kb / 12P
12 V, 2 A Logic Controlled High-Side Power Switch
REV. 0
logo
NXP Semiconductors
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com