Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC119 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MOC119
Description  6-Pin DIP Optoisolator Darlington Output(No Base Connection)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC119 Datasheet(HTML) 4 Page - Motorola, Inc

  MOC119 Datasheet HTML 1Page - Motorola, Inc MOC119 Datasheet HTML 2Page - Motorola, Inc MOC119 Datasheet HTML 3Page - Motorola, Inc MOC119 Datasheet HTML 4Page - Motorola, Inc MOC119 Datasheet HTML 5Page - Motorola, Inc MOC119 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOC119
4
Motorola Optoelectronics Device Data
TEST CIRCUIT
VCC = 10 V
IF = 5 mA
INPUT
RL = 100 Ω
OUTPUT
WAVEFORMS
10%
90%
ton
INPUT PULSE
OUTPUT PULSE
tf
toff
tr
Figure 9. Switching Time Test Circuit and Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com