Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC119 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MOC119
Description  6-Pin DIP Optoisolator Darlington Output(No Base Connection)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC119 Datasheet(HTML) 1 Page - Motorola, Inc

  MOC119 Datasheet HTML 1Page - Motorola, Inc MOC119 Datasheet HTML 2Page - Motorola, Inc MOC119 Datasheet HTML 3Page - Motorola, Inc MOC119 Datasheet HTML 4Page - Motorola, Inc MOC119 Datasheet HTML 5Page - Motorola, Inc MOC119 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Optoisolator
Darlington Output
(No Base Connection)
The MOC119 device consists of a gallium arsenide infrared emitting diode optically
coupled to a monolithic silicon photodarlington detector. The chip to Pin 6 connection
has been eliminated for better performance when used in high noise environments.
It is designed for use in applications requiring high improved noise immunity.
• Provides Higher Output Collector Current (IC) with Lower Values of Input Drive Current (IF)
• To order devices that are tested and marked per VDE 0884 requirements, the
suffix ”V” must be included at end of part number. VDE 0884 is a test option.
Applications
• Appliance, Measuring Instruments
• Interfacing and coupling systems of different potentials and impedances
• Monitor and Detection Circuits
• I/O Interfaces for Computers
• Solid State Relays
• Portable Electronics
• Programmable Controllers
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Reverse Voltage
VR
3
Volts
Forward Current — Continuous
IF
60
mA
LED Power Dissipation @ TA = 25°C
with Negligible Power in Output Detector
Derate above 25
°C
PD
120
1.41
mW
mW/
°C
OUTPUT DETECTOR
Collector–Emitter Voltage
VCEO
30
Volts
Emitter–Collector Voltage
VECO
7
Volts
Detector Power Dissipation @ TA = 25°C
with Negligible Power in Input LED
Derate above 25
°C
PD
150
1.76
mW
mW/
°C
TOTAL DEVICE
Isolation Surge Voltage(1)
(Peak ac Voltage, 60 Hz, 1 sec Duration)
VISO
7500
Vac(pk)
Total Device Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Ambient Operating Temperature Range(2)
TA
– 55 to +100
°C
Storage Temperature Range(2)
Tstg
– 55 to +150
°C
Soldering Temperature (10 sec, 1/16
″ from case)
TL
260
°C
1. Isolation surge voltage is an internal device dielectric breakdown rating.
1. For this test, Pins 1 and 2 are common, and Pins 4 and 5 are common.
2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
GlobalOptoisolator is a trademark of Motorola, Inc.
Order this document
by MOC119/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
GlobalOptoisolator
™
© Motorola, Inc. 1995
MOC119
SCHEMATIC
[CTR = 300% Min]
STANDARD THRU HOLE
CASE 730A–04
STYLE 3 PLASTIC
PIN 1. LED ANODE
2. LED CATHODE
3. N.C.
4. EMITTER
5. COLLECTOR
6. N.C.
1
2
3
6
5
4
6
1
REV 2


Similar Part No. - MOC119

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC119 FAIRCHILD-MOC119 Datasheet
88Kb / 5P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC119M FAIRCHILD-MOC119M Datasheet
235Kb / 8P
Photodarlington Optocoupler (No Base Connection)
MOC119SM FAIRCHILD-MOC119SM Datasheet
235Kb / 8P
Photodarlington Optocoupler (No Base Connection)
MOC119SR2M FAIRCHILD-MOC119SR2M Datasheet
235Kb / 8P
Photodarlington Optocoupler (No Base Connection)
MOC119SR2VM FAIRCHILD-MOC119SR2VM Datasheet
235Kb / 8P
Photodarlington Optocoupler (No Base Connection)
More results

Similar Description - MOC119

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8020 MOTOROLA-MOC8020 Datasheet
271Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC8080 MOTOROLA-MOC8080 Datasheet
194Kb / 6P
6-Pin DIP Optoisolators Darlington Output
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
MOC8111 MOTOROLA-MOC8111 Datasheet
276Kb / 6P
6-Pin DIP Optoisolators Transistor Output(No Base Connection)
MTIL113 MOTOROLA-MTIL113 Datasheet
100Kb / 4P
6-Pin DIP Optoisolators Darlington Output
MTIL117 MOTOROLA-MTIL117 Datasheet
138Kb / 8P
6-Pin DIP Optoisolator Transistor Output
logo
Fairchild Semiconductor
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com