Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC119 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MOC119
Description  6-Pin DIP Optoisolator Darlington Output(No Base Connection)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC119 Datasheet(HTML) 5 Page - Motorola, Inc

  MOC119 Datasheet HTML 1Page - Motorola, Inc MOC119 Datasheet HTML 2Page - Motorola, Inc MOC119 Datasheet HTML 3Page - Motorola, Inc MOC119 Datasheet HTML 4Page - Motorola, Inc MOC119 Datasheet HTML 5Page - Motorola, Inc MOC119 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MOC119
5
Motorola Optoelectronics Device Data
PACKAGE DIMENSIONS
CASE 730A–04
ISSUE G
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
6
4
1
3
–A–
–B–
SEATING
PLANE
–T–
4 PL
F
K
C
N
G
6 PL
D
6 PL
E
M
A
M
0.13 (0.005)
B M
T
L
M
6 PL
J
M
B
M
0.13 (0.005)
A M
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.320
0.350
8.13
8.89
B
0.240
0.260
6.10
6.60
C
0.115
0.200
2.93
5.08
D
0.016
0.020
0.41
0.50
E
0.040
0.070
1.02
1.77
F
0.010
0.014
0.25
0.36
G
0.100 BSC
2.54 BSC
J
0.008
0.012
0.21
0.30
K
0.100
0.150
2.54
3.81
L
0.300 BSC
7.62 BSC
M
0
15
0
15
N
0.015
0.100
0.38
2.54
_
_
_
_
STYLE 3:
PIN 1. ANODE
2. CATHODE
3. NC
4. EMITTER
5. COLLECTOR
6. NC
CASE 730C–04
ISSUE D
–A–
–B–
S
SEATING
PLANE
–T–
J
K
L
6 PL
M
B
M
0.13 (0.005)
A M
T
C
D 6 PL
M
A
M
0.13 (0.005)
B M
T
H
G
E 6 PL
F 4 PL
3
1
4
6
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.320
0.350
8.13
8.89
B
0.240
0.260
6.10
6.60
C
0.115
0.200
2.93
5.08
D
0.016
0.020
0.41
0.50
E
0.040
0.070
1.02
1.77
F
0.010
0.014
0.25
0.36
G
0.100 BSC
2.54 BSC
H
0.020
0.025
0.51
0.63
J
0.008
0.012
0.20
0.30
K
0.006
0.035
0.16
0.88
L
0.320 BSC
8.13 BSC
S
0.332
0.390
8.43
9.90
*Consult factory for leadform
option availability



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com