Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC119 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MOC119
Description  6-Pin DIP Optoisolator Darlington Output(No Base Connection)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC119 Datasheet(HTML) 2 Page - Motorola, Inc

  MOC119 Datasheet HTML 1Page - Motorola, Inc MOC119 Datasheet HTML 2Page - Motorola, Inc MOC119 Datasheet HTML 3Page - Motorola, Inc MOC119 Datasheet HTML 4Page - Motorola, Inc MOC119 Datasheet HTML 5Page - Motorola, Inc MOC119 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOC119
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
Reverse Leakage Current
(VR = 3 V)
IR
—
0.05
100
µA
Forward Voltage
(IF = 10 mA)
VF
—
1.15
1.5
Volts
Capacitance
(VR = 0 V, f = 1 MHz)
C
—
18
—
pF
PHOTOTRANSISTOR (TA = 25°C and IF = 0 unless otherwise noted)
Collector–Emitter Dark Current
(VCE = 10 V)
ICEO
—
—
100
nA
Collector–Emitter Breakdown Voltage
(IC = 100 µA)
V(BR)CEO
30
—
—
Volts
Emitter–Collector Breakdown Voltage
(IE = 10 µA)
V(BR)ECO
7
—
—
Volts
COUPLED (TA = 25°C unless otherwise noted)
Collector Output Current(3)
(VCE = 2 V, IF = 10 mA)
IC (CTR)(2)
30 (300)
45 (450)
—
mA (%)
Isolation Surge Voltage(4,5), 60 Hz ac Peak, 1 Second
VISO
7500
—
—
Vac(pk)
Isolation Resistance(4)
(V = 500 V)
RISO
—
1011
—
Ohms
Collector–Emitter Saturation Voltage(3)
(IC = 10 mA, IF = 10 mA)
VCE(sat)
—
—
1
Volt
Isolation Capacitance(4)
(V = 0 V, f = 1 MHz)
CISO
—
0.2
—
pF
SWITCHING (Figures 4, 5)
Turn–On Time
VCE = 10 V, RL = 100 Ω, IF = 5 mA(6)
ton
—
3.5
—
µs
Turn–Off Time
VCE = 10 V, RL = 100 Ω, IF = 5 mA(6)
toff
—
95
—
Rise Time
VCE = 10 V, RL = 100 Ω, IF = 5 mA(6)
tr
—
1
—
Fall Time
tf
—
2
—
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. Pulse Test: Pulse Width = 300
µs, Duty Cycle p2%.
4. For this test, LED Pins 1 and 2 are common and Phototransistor Pins 4 and 5 are common.
5. Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating.
6. For test circuit setup and waveforms, refer to Figure 9.
TYPICAL CHARACTERISTICS
TA = 25°C
TA = –55°C THRU
+70
°C
+100
°C
+25
°C
Figure 1. LED Forward Voltage versus Forward Current
Figure 2. Output Current versus Input Current
2
1.8
1.6
1.4
1.2
1
1
10
100
1000
IF, LED FORWARD CURRENT (mA)
25
°C
100
°C
10
1
0.1
0.01
0.5
1
2
5
10
20
50
IF, LED INPUT CURRENT (mA)
NORMALIZED TO: IF = 10 mA
TA = –55°C
PULSE ONLY
PULSE OR DC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com