Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4084-2ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4084-2ACPZ-R7
Description  30 V, Low Noise, Rail-to-Rail I/O, Low Power Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4084-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
30 V, Low Noise, Rail-to-Rail
I/O, Low Power Operational Amplifier
Data Sheet
ADA4084-2
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Rail-to-rail input/output
Low power: 625 µA typical
Gain bandwidth product: 15.9 MHz at AV =100 typical
Unity-gain crossover: 9.9 MHz typical
−3 dB closed-loop bandwidth: 13.9 MHz typical at ±15 V
Low offset voltage: 100 μV maximum (SOIC)
Unity-gain stable
High slew rate: 4.6 V/μs typical
Low noise: 3.9 nV/√Hz typical at 1 kHz
APPLICATIONS
Battery-powered instrumentation
Power supply control and protection
Telecommunications
DAC output amplifier
ADC input buffer
GENERAL DESCRIPTION
The ADA4084-2 is a dual, single-supply, 10 MHz bandwidth
amplifier featuring rail-to-rail inputs and outputs. It is guaran-
teed to operate from 3 V to 30 V (or ±1.5 V to ±15 V).
These amplifiers are well suited for single-supply applications
requiring both ac and precision dc performance. The combina-
tion of wide bandwidth, low noise, and precision makes the
ADA4084-2 useful in a wide variety of applications, including
filters and instrumentation.
Other applications for these amplifiers include portable telecom-
munications equipment, power supply control and protection,
and use as amplifiers or buffers for transducers with wide output
ranges. Sensors requiring a rail-to-rail input amplifier include
Hall effect, piezoelectric, and resistive transducers.
The ability to swing rail-to-rail at both the input and output
enables designers to build multistage filters in single-supply
systems and to maintain high signal-to-noise ratios.
The ADA4084-2 is specified over the industrial temperature
range of −40°C to +125°C. The dual ADA4084-2 is available in
the 8-lead SOIC, MSOP, and LFCSP surface-mount packages.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
OUT B
–IN B
+IN B
V+
OUT A
–IN A
+IN A
V–
ADA4084-2
TOP VIEW
(Not to Scale)
NOTES
1. FOR THE LFSCP PACKAGE THE
EXPOSED PAD MUST BE
CONNECTED TO V–.
Figure 1. 8-Lead MSOP (RM)
8-Lead SOIC (R)
8-Lead LFCSP (CP)
The ADA4084-2 is a member of a growing series of high voltage,
low noise op amps offered by Analog Devices, Inc., (see Table 1).
For a more complete selection table of low input voltage noise
amplifiers, see the AN-940 Application Note, Low Noise
Amplifier Selection Guide for Optimal Noise Performance,
available at www.analog.com.
Table 1. Low Noise Op Amps
Voltage Noise
Single
Dual
Quad
1.1 nV/Hz
AD8597
AD8599
1.8 nV/Hz
ADA4004-1
ADA4004-2
ADA4004-4
2.8 nV/Hz RRO1
AD8675
AD8676
2.8 nV/Hz
AD8671
AD8672
AD8674
3.2 nV/Hz
OP27/OP37
3.9 nV/Hz RRIO2
ADA4084-2
1
Rail-to-rail output.
2
Rail-to-rail input/output.


Similar Part No. - ADA4084-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4084-2ACPZ-R7 AD-ADA4084-2ACPZ-R7 Datasheet
975Kb / 35P
30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
Rev. H
ADA4084-2ACPZ-R7 AD-ADA4084-2ACPZ-R7 Datasheet
1Mb / 36P
30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
Rev. I
More results

Similar Description - ADA4084-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4084-2 AD-ADA4084-2 Datasheet
804Kb / 24P
30 V, Low Noise, Rail-to-Rail
REV. A
logo
Texas Instruments
OPA317 TI-OPA317 Datasheet
1Mb / 29P
Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
Single Rail-to-Rail I/O Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Analog Devices
ADA4084-1 AD-ADA4084-1 Datasheet
975Kb / 35P
30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com