Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4084-2ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4084-2ACPZ-R7
Description  30 V, Low Noise, Rail-to-Rail I/O, Low Power Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4084-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADA4084-2
Data Sheet
Rev. C | Page 12 of 28
±5 V CHARACTERISTICS
120
0
–100
–50
50
–25
25
0
–75
75
100
VOS (µV)
20
40
60
80
100
ADA4084-2
VSY = ±5V
TA = 25°C
RL = ∞
Figure 28. Input Offset Voltage Distribution SOIC
60
0
–100
100
VOS (µV)
10
20
30
40
50
–50
50
–25
25
0
–75
75
ADA4084-2
VSY = ±5V
TA = 25°C
RL = ∞
Figure 29. Input Offset Voltage Distribution MSOP
0
50
100
150
200
250
–200
–150
–100
–50
0
50
100
VOS (µV)
VSY = ±5V
TA = 25°C
RL = ∞
Figure 30. Input Offset Voltage Distribution, LFCSP
50
0
02.0
TCVOS (µV/°C)
5
10
15
20
25
30
35
40
45
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ADA4084-2
VSY = ±5V
RL = ∞
–40° ≤ TA ≤ +125°C
Figure 31. TCVOS Distribution, SOIC and MSOP
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TCVOS (µV/°C)
0
5
10
15
20
25
30
35
ADA4084-2
VSY = ±5V
RL = ∞
–40° ≤ TA ≤ +125°C
Figure 32. TCVOS Distribution, LFCSP
600
–600
–5
5
COMMON-MODE VOLTAGE (V)
–400
–500
–300
–200
–100
0
100
200
300
400
500
ADA4084-2
VSY = ±5V
TA = 25°C
RL = ∞
–4
–3
–2
–1
0
1
2
3
4
Figure 33. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com