Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4084-2ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4084-2ACPZ-R7
Description  30 V, Low Noise, Rail-to-Rail I/O, Low Power Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4084-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADA4084-2
Rev. C | Page 13 of 28
–50
–100
–150
–200
–250
–40
125
TEMPERATURE (°C)
–25
–10
5
20
35
50
65
80
95
110
ADA4084-2
VSY = ±5V
VCM = 0V
RL = ∞
IB+
IB
Figure 34. Input Bias Current vs. Temperature
800
–800
–5
5
VCM (V)
–400
–600
–200
0
200
400
600
TA = +125°C
TA = –40°C
ADA4084-2
VSY = ±5V
–4
–3
–2
–1
0
1
2
3
4
TA = +25°C
TA = +85°C
Figure 35. Input Bias Current vs. VCM and Temperature
1000
100
10
1
0.001
0.01
0.1
1
10
LOAD CURRENT (mA)
ADA4084-2
VSY = ±5V
TA = 25°C
(V+) –VOH
Figure 36. Dropout Voltage vs. Source Current
1000
100
10
1
0.001
0.01
0.1
1
10
LOAD CURRENT (mA)
ADA4084-2
VSY = ±5V
TA = 25°C
VOL – (V–)
Figure 37. Dropout Voltage vs. Sink Current
120
–40
270
–90
0.1
100k
FREQUENCY (kHz)
–45
0
45
90
135
180
225
–20
20
0
40
60
80
100
1
10
100
1k
10k
ADA4084-2
VSY = ±5V
TA = 25°C
RL = 10kΩ
Figure 38. Open-Loop Gain and Phase vs. Frequency
60
–20
10
100M
FREQUENCY (Hz)
–10
0
10
20
30
40
50
100
1k
10k
100k
10M
1M
ADA4084-2
VSY = ±5V
TA = 25°C
AV = +100
AV = +10
AV = +1
Figure 39. Closed-Loop Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com