Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4084-2ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4084-2ACPZ-R7
Description  30 V, Low Noise, Rail-to-Rail I/O, Low Power Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4084-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4084-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADA4084-2
Data Sheet
Rev. C | Page 20 of 28
10
1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
ADA4084-2
VSY = ±15V
TA = 25°C
4
Figure 71. Voltage Noise Density
70
50
60
40
30
20
10
0
1
1000
100
10
CAPACITANCE (pF)
ADA4084-2
VSY = ±15V
VIN = 100mV p-p
RL = 2kΩ
TA = 25°C
OS+
OS–
Figure 72. Overshoot vs. Load Capacitance
0
2
4
6
8
10
60
–60
TIME (Seconds)
–40
–20
0
20
40
ADA4084-2
VSY = ±15V
TA = 25°C
Figure 73. Voltage Noise 0.1 Hz to 10 Hz
0
–180
–140
–160
–120
–100
–80
–60
–40
–20
100
1k
10k
100k
FREQUENCY (Hz)
ADA4084-2
VSY = ±15V
TA = 25°C
VIN = 10V p-p
Figure 74. Channel Sepatation
1
0.001
0.01
0.1
0.0001
0.001
0.01
0.1
1
10
AMPLITUDE (VRMS)
ADA4084-2
VSY = ±15V
TA = 25°C
f = 1kHz
Figure 75. THD + N vs. Amplitude
1
0.001
0.01
0.1
0.0001
10
100
1k
10k
100k
FREQUENCY (Hz)
ADA4084-2
VSY = ±15V
TA = 25°C
500kHz FILTER
Figure 76. THD + N vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com