Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3C110 Datasheet(PDF) 21 Page - Intel Corporation

Part # JS28F320J3C110
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 Datasheet(HTML) 21 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 17Page - Intel Corporation JS28F320J3C110 Datasheet HTML 18Page - Intel Corporation JS28F320J3C110 Datasheet HTML 19Page - Intel Corporation JS28F320J3C110 Datasheet HTML 20Page - Intel Corporation JS28F320J3C110 Datasheet HTML 21Page - Intel Corporation JS28F320J3C110 Datasheet HTML 22Page - Intel Corporation JS28F320J3C110 Datasheet HTML 23Page - Intel Corporation JS28F320J3C110 Datasheet HTML 24Page - Intel Corporation JS28F320J3C110 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
21
VPENH
VPEN during Block Erase,
Program, or Lock-Bit Operations
2.7
3.6
V
3,4
VLKO
VCC Lockout Voltage
2.0
V
5
NOTES:
1. Includes STS.
2. Sampled, not 100% tested.
3. Block erases, programming, and lock-bit configurations are inhibited when VPEN ≤ VPENLK,
and not guaranteed in the range between VPENLK (max) and VPENH (min), and above VPENH
(max).
4. Typically, VPEN is connected to VCC (2.7 V–3.6 V).
5. Block erases, programming, and lock-bit configurations are inhibited when VCC < VLKO, and
not guaranteed in the range between VLKO (min) and VCC (min), and above VCC (max).
6. Includes all operational modes of the device including standby and power-up sequences.
7. VCC operating condition for standby has to meet typical operationg coditons.
Table 7.
DC Voltage Characteristics
Symbol
Parameter
Min
Max
Unit
Test Conditions
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com