Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3C110 Datasheet(PDF) 5 Page - Intel Corporation

Part # JS28F320J3C110
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 Datasheet(HTML) 5 Page - Intel Corporation

  JS28F320J3C110 Datasheet HTML 1Page - Intel Corporation JS28F320J3C110 Datasheet HTML 2Page - Intel Corporation JS28F320J3C110 Datasheet HTML 3Page - Intel Corporation JS28F320J3C110 Datasheet HTML 4Page - Intel Corporation JS28F320J3C110 Datasheet HTML 5Page - Intel Corporation JS28F320J3C110 Datasheet HTML 6Page - Intel Corporation JS28F320J3C110 Datasheet HTML 7Page - Intel Corporation JS28F320J3C110 Datasheet HTML 8Page - Intel Corporation JS28F320J3C110 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
Datasheet
5
Contents
Revision History
Date of
Revision
Version
Description
07/07/99
-001
Original Version
08/03/99
-002
A0–A2 indicated on block diagram
09/07/99
-003
Changed Minimum Block Erase time,IOL, IOH, Page Mode and Byte Mode
currents. Modified RP# on AC Waveform for Write Operations
12/16/99
-004
Changed Block Erase time and tAVWH
Removed all references to 5 V I/O operation
Corrected Ordering Information, Valid Combinations entries
Changed Min program time to 211 µs
Added DU to Lead Descriptions table
Changed Chip Scale Package to Ball Grid Array Package
Changed default read mode to page mode
Removed erase queuing from Figure 10, Block Erase Flowchart
03/16/00
-005
Added Program Max time
Added Erase Max time
Added Max page mode read current
Moved tables to correspond with sections
Fixed typographical errors in ordering information and DC parameter table
Removed VCCQ1 setting and changed VCCQ2/3 to VCCQ1/2
Added recommended resister value for STS pin
Change operation temperature range
Removed note that rp# could go to 14 V
Removed VOL of 0.45 V; Removed VOH of 2.4 V
Updated ICCR Typ values
Added Max lock-bit program and lock times
Added note on max measurements
06/26/00
-006
Updated cover sheet statement of 700 million units to one billion
Corrected Table 10 to show correct maximum program times
Corrected error in Max block program time in section 6.7
Corrected typical erase time in section 6.7
2/15/01
-007
Updated cover page to reflect 100K minimum erase cycles
Updated cover page to reflect 110 ns 32M read speed
Removed Set Read Configuration command from Table 4
Updated Table 8 to reflect reserved bits are 1-7; not 2-7
Updated Table 16 bit 2 definition from R to PSS
Changed VPENLK Max voltage from 0.8 V to 2.0 V, Section 6.4, DC
Characteristics
Updated 32Mbit Read Parameters R1, R2 and R3 to reflect 110ns, Section 6.5,
AC Characteristics–Read-Only Operations (1,2)
Updated write parameter W13 (tWHRL) from 90 ns to 500 ns, Section 6.6, AC
Characteristics–Write Operations
Updated Max. Program Suspend Latency W16 (tWHRH1) from 30 to 75 µs,
Section 6.7, Block Erase, Program, and Lock-Bit Configuration Performance
(1,2,3)
04/13/01
-008
Revised Section 7.0, Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com