Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3C110 Datasheet(PDF) 1 Page - Intel Corporation

Part # JS28F320J3C110
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 Datasheet(HTML) 1 Page - Intel Corporation

  JS28F320J3C110 Datasheet HTML 1Page - Intel Corporation JS28F320J3C110 Datasheet HTML 2Page - Intel Corporation JS28F320J3C110 Datasheet HTML 3Page - Intel Corporation JS28F320J3C110 Datasheet HTML 4Page - Intel Corporation JS28F320J3C110 Datasheet HTML 5Page - Intel Corporation JS28F320J3C110 Datasheet HTML 6Page - Intel Corporation JS28F320J3C110 Datasheet HTML 7Page - Intel Corporation JS28F320J3C110 Datasheet HTML 8Page - Intel Corporation JS28F320J3C110 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Intel StrataFlash® Memory (J3)
28F256J3, 28F128J3, 28F640J3, 28F320J3 (x8/x16)
Datasheet
Product Features
Capitalizing on Intel’s 0.25 and 0.18 micron, two-bit-per-cell technology, the Intel StrataFlash
® Memory (J3)
device provides 2X the bits in 1X the space, with new features for mainstream performance. Offered in 256-
Mbit (32-Mbyte), 128-Mbit (16-Mbyte), 64-Mbit, and 32-Mbit densities, the J3 device brings reliable, two-bit-
per-cell storage technology to the flash market segment. Benefits include more density in less space, high-speed
interface, lowest cost-per-bit NOR device, support for code and data storage, and easy migration to future
devices.
Using the same NOR-based ETOX™ technology as Intel’s one-bit-per-cell products, the J3 device takes
advantage of over one billion units of flash manufacturing experience since 1987. As a result, J3 components
are ideal for code and data applications where high density and low cost are required. Examples include
networking, telecommunications, digital set top boxes, audio recording, and digital imaging.
By applying FlashFile™ memory family pinouts, J3 memory components allow easy design migrations from
existing Word-Wide FlashFile memory (28F160S3 and 28F320S3), and first generation Intel StrataFlash
®
memory (28F640J5 and 28F320J5) devices.
J3 memory components deliver a new generation of forward-compatible software support. By using the
Common Flash Interface (CFI) and the Scalable Command Set (SCS), customers can take advantage of density
upgrades and optimized write capabilities of future Intel StrataFlash
® memory devices. Manufactured on Intel®
0.18 micron ETOX™ VII (J3C) and 0.25 micron ETOX™ VI (J3A) process technology, the J3 memory device
provides the highest levels of quality and reliability.
■
Performance
— 110/115/120/150 ns Initial Access Speed
— 125 ns Initial Access Speed (256 Mbit
density only)
— 25 ns Asynchronous Page mode Reads
— 30 ns Asynchronous Page mode Reads
(256Mbit density only)
— 32-Byte Write Buffer
—6.8 µs per byte effective
programming time
■
Software
— Program and Erase suspend support
— Flash Data Integrator (FDI), Common
Flash Interface (CFI) Compatible
■
Security
— 128-bit Protection Register
—64-bit Unique Device Identifier
—64-bit User Programmable OTP Cells
— Absolute Protection with VPEN = GND
— Individual Block Locking
— Block Erase/Program Lockout during
Power Transitions
■
Architecture
— Multi-Level Cell Technology: High
Density at Low Cost
— High-Density Symmetrical 128-Kbyte
Blocks
—256 Mbit (256 Blocks) (0.18µm only)
—128 Mbit (128 Blocks)
—
64 Mbit (64 Blocks)
—32 Mbit (32 Blocks)
■
Quality and Reliability
— Operating Temperature:
-40 °C to +85 °C
— 100K Minimum Erase Cycles per Block
— 0.18 µm ETOX™ VII Process (J3C)
— 0.25 µm ETOX™ VI Process (J3A)
■
Packaging and Voltage
— 56-Lead TSOP Package
— 64-Ball Intel® Easy BGA Package
— Lead-free packages available
— 48-Ball Intel® VF BGA Package (32 and
64 Mbit) (x16 only)
—VCC = 2.7 V to 3.6 V
—VCCQ = 2.7 V to 3.6 V
Order Number: 290667-020
November 2004
Notice: This document contains information on new products in production. The specifications are
subject to change without notice. Verify with your local Intel sales office that you have the latest
datasheet before finalizing a design.


Similar Part No. - JS28F320J3C110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
JS28F320J3C-110 INTEL-JS28F320J3C-110 Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
JS28F320J3C-115 INTEL-JS28F320J3C-115 Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
JS28F320J3C-120 INTEL-JS28F320J3C-120 Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
JS28F320J3C-125 INTEL-JS28F320J3C-125 Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
JS28F320J3C-150 INTEL-JS28F320J3C-150 Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
More results

Similar Description - JS28F320J3C110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
3 Volt Intel StrataFlash Memory
865G INTEL-865G Datasheet
3Mb / 249P
Intel 865G/865GV Graphics and Memory Controller Hub
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
Intel StrataFlash Embedded Memory
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
StrataFlash짰 Wireless Memory
PF38F5070M0Y0B0 NUMONYX-PF38F5070M0Y0B0 Datasheet
2Mb / 139P
StrataFlash짰 Cellular Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
5 Volt Intel StrataFlash짰 Memory
QG5000XSL9TH INTEL-QG5000XSL9TH Datasheet
3Mb / 458P
Intel 5000X Chipset Memory Controller Hub (MCH)
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
Numonyx??StrataFlash짰 Embedded Memory (P30)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com