Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3C110 Datasheet(PDF) 32 Page - Intel Corporation

Part # JS28F320J3C110
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 Datasheet(HTML) 32 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 28Page - Intel Corporation JS28F320J3C110 Datasheet HTML 29Page - Intel Corporation JS28F320J3C110 Datasheet HTML 30Page - Intel Corporation JS28F320J3C110 Datasheet HTML 31Page - Intel Corporation JS28F320J3C110 Datasheet HTML 32Page - Intel Corporation JS28F320J3C110 Datasheet HTML 33Page - Intel Corporation JS28F320J3C110 Datasheet HTML 34Page - Intel Corporation JS28F320J3C110 Datasheet HTML 35Page - Intel Corporation JS28F320J3C110 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
32
Datasheet
9.0
Bus Operations
This section provides an overview of device bus operations. The on-chip Write State Machine
(WSM) manages all erase and program algorithms. The system CPU provides control of all in-
system read, write, and erase operations of the device via the system bus.
Device commands are written to the CUI to control all of the flash memory device’s operations.
The CUI does not occupy an addressable memory location; it’s the mechanism through which the
flash device is controlled.
9.1
Bus Operations Overview
The local CPU reads and writes flash memory in-system. All bus cycles to or from the flash
memory conform to standard microprocessor bus cycles.
Table 12. Bus Operations
Mode
RP#
CE[2:0]
(1)
OE#
(2)
WE#
(2)
Address
VPEN
Data
(3)
STS
(default
mode)
Notes
Read Array
VIH
Enabled
VIL
VIH
XX
DOUT
High Z
(7)
4,5,6
Output Disable
VIH
Enabled
VIH
VIH
X
X
High Z
X
Standby
VIH
Disabled
X
X
X
X
High Z
X
Reset/Power-Down
Mode
VIL
X
X
X
X
X
High Z
High Z
(7)
Read Identifier Codes
VIH
Enabled
VIL
VIH
See
Table 17
X
Note 8
High Z(7)
Read Query
VIH
Enabled
VIL
VIH
See
Table
10.3
X
Note 9
High Z
(7)
Read Status (WSM off)
VIH
Enabled
VIL
VIH
XX
DOUT
Read Status (WSM on)
VIH
Enabled
VIL
VIH
XX
D7 = DOUT
D[15:8] = High Z
D[6:0] = High Z
Write
VIH
Enabled
VIH
VIL
XVPENH
DIN
X
6,10,11
NOTES:
1. See Table 13 on page 33 for valid CE configurations.
2. OE# and WE# should never be enabled simultaneously.
3. D refers to D[7:0] if BYTE# is low and D[15:0] if BYTE# is high.
4. Refer to DC Characteristics. When VPEN ≤ VPENLK, memory contents can be read, but not altered.
5. X can be VIL or VIH for control and address signals, and VPENLK or VPENH for VPEN. See DC Characteristics for VPENLK and
VPENH voltages.
6. In default mode, STS is VOL when the WSM is executing internal block erase, program, or lock-bit configuration algorithms. It
is VOH when the WSM is not busy, in block erase suspend mode (with programming inactive), program suspend mode, or
reset/power-down mode.
7. High Z will be VOH with an external pull-up resistor.
8. See Section 10.2, “Read Identifier Codes” on page 39 for read identifier code data.
9. See Section 10.3, “Read Query/CFI” on page 41 for read query data.
10.Command writes involving block erase, program, or lock-bit configuration are reliably executed when VPEN = VPENH and VCC
is within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com