Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8952 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8952
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8952 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
w
WM8952
Mono ADC with Microphone Pre-amplifier
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Pre Production, Rev 3.1, June 2011
Copyright
©2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8952 is a low power, high quality mono ADC designed
for portable applications such as wireless microphones or
headsets.
The device integrates support for differential or single ended
microphone connections. External component requirements
are reduced as no separate microphone amplifier is required.
An advanced Sigma Delta Converter design is used to give
high quality audio at sample rates from 8 to 48ks/s. A
selectable high pass filter and four fully-programmable notch
filters are also available in the signal path. An advanced mixed
signal ALC function with noise gate is provided, supporting
readback of PGA gain during ALC operation. The digital audio
interface supports A-law and
μ-law companding.
An on-chip PLL is provided to generate the required Master
Clock from an external reference clock. The PLL clock can
also be output if required elsewhere in the system.
The WM8952 operates at supply voltages from 2.5 to 3.6V,
although the digital supplies can operate at voltages down to
1.71V to save power. Different sections of the chip can also be
powered down under software control using the selectable two
or three wire control interface. The device is supplied in a very
small W-CSP package, offering high levels of functionality in
minimum board area, with high thermal performance.
FEATURES
•
Mono ADC:
•
Audio sample rates:8, 11.025, 16, 22.05, 24, 32, 44.1, 48kHz
•
ADC SNR 94dB, THD -80dB (‘A’-weighted @ 8 – 48ks/s)
•
Mic Preamps :
•
Differential or single end Microphone Interface
-
Programmable preamp gain
-
Pseudo differential inputs with common mode rejection
-
Programmable ALC / Noise Gate in ADC path
•
Low-noise bias supplied for electret microphones
•
Multiple analog or ‘Aux’ inputs with analogue mixing
OTHER FEATURES
•
Programmable high pass filter (wind noise reduction)
•
4 notch filters (narrowband noise suppression)
•
On-chip PLL
•
Low power, low voltage
-
2.5V to 3.6V (digital: 1.71V to 3.6V)
•
28 ball W-CSP (2.59 × 2.5 × 0.7mm, 0.4mm pitch) Package
APPLICATIONS
•
Headsets
•
Wireless microphones
•
General purpose mono audio ADC
BLOCK DIAGRAM


Similar Part No. - WM8952

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8950 WOLFSON-WM8950 Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
logo
Cirrus Logic
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
ADC with Microphone Input and Programmable Digital Filters
logo
Wolfson Microelectronic...
WM8950GEFL/RV WOLFSON-WM8950GEFL/RV Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
WM8950GEFL/V WOLFSON-WM8950GEFL/V Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
WM8951L WOLFSON-WM8951L Datasheet
499Kb / 42P
STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
More results

Similar Description - WM8952

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
STEREO ADC WITH MICROPHONE PREAMPLIFIER
logo
Fairchild Semiconductor
FAN3800 FAIRCHILD-FAN3800 Datasheet
289Kb / 9P
Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Fairchild Semiconductor
FAN3850A FAIRCHILD-FAN3850A Datasheet
698Kb / 11P
Microphone Pre-Amplifier with Digital Output
FAN3850T FAIRCHILD-FAN3850T Datasheet
409Kb / 11P
Microphone Pre-Amplifier with Temperature Compensation and Digital Output
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
logo
New Japan Radio
NJU72084 NJRC-NJU72084 Datasheet
333Kb / 7P
Pre-Amplifier for MEMS Microphone
logo
ON Semiconductor
FAN3850A ONSEMI-FAN3850A Datasheet
582Kb / 12P
Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
logo
Unisonic Technologies
ULV7084 UTC-ULV7084 Datasheet
198Kb / 7P
PRE-AMPLIFIER FOR MEMS MICROPHONE
logo
ON Semiconductor
FAN3852 ONSEMI-FAN3852 Datasheet
766Kb / 10P
Microphone Pre-Amplifier with Digital Output
June, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com