Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRIVE2 Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # VDRIVE2
Description  an easy solution for adding a USB Flash disk interface to an existing product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDRIVE2 Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  VDRIVE2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VDrive2 Vinculum VNC1L Module
Datasheet Version 0.99
© Future Technology Devices International Ltd. 2007
Page 
2.1 VDrive2 Pin Out
2. Pin Out
Figure 1 - VDrive2 �in �ut - ���T inter�ace.
Ta�le 1 - �ort �election �umper �ins
UART/SPI
I/O Mode
�ull-�p
�erial ���T
�ull-Down
��I
2.2 UART Interface Signal Descriptions
Ta�le 2 - Data and Control ��us �ignal Mode �ptions - ���T Inter�ace
Pin No.
Name
Type
Description
1
GND
�W�
�ignal ground
2
RTS#
�utput
�equest To �end Control �utput / Handsha�e signal
3
�V0
�W�
�V supply input
4
�XD
Input
�eceive asynchronous data input
�
TXD
�utput
Transmit asynchronous data output
6
CTS#
Input
Clear To �end Control Input / Handsha�e signal
7
NC
-
No Connect
8
RI#
Input
�ing Indicator Control Input. �sed to resume the Vinculum �rom suspend.
2 RTS#
6 CTS#
5 TXD
4 RXD
1 GND
VDRIVE2
USB Flash Drive
interface
3 5V0
8 RI#
3V3OUT
GND
UART/SPI
Power / Traffic Indicator
bi-colour LED



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com