Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRIVE2 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # VDRIVE2
Description  an easy solution for adding a USB Flash disk interface to an existing product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDRIVE2 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  VDRIVE2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VDrive2 Vinculum VNC1L Module
Datasheet Version 0.99
© Future Technology Devices International Ltd. 2007
Page 
2.3 SPI Interface Signal Descriptions and Timing Diagrams
Ta�le 3 - Data and Control ��us �ignal Mode �ptions - ��I Inter�ace
Pin No.
Name
Type
Description
�
�CLK
Input
��I Cloc� input�� 12MHz ma�imum.
4
�DI
Input
��I �erial Data Input
2
�D�
�utput
��I �erial Data �utput
6
C�
Input
��I Chip �elect Input
Figure 2 - ��I �lave Data �ead Cycle
SPICLK
SPI Data In
SPI Data Out
SPI CS
R/W ADD
D0
D1
D2
D3
D4
D5
D6
D7
1
1
0
From �tart - ��I C� must �e held high �or the entire read cycle�� and must �e ta�en low �or at least one cloc� period
aft�r th� r�ad i� co��p��t�d. Th� fir�t bit on S��I Data In i� th� R/W bit - inp�tting a ‘1’ h�r� a��o�� data to b� r�ad fro��
the chip. The ne�t �it is the address �it�� �DD�� which is used to indicate whether the data register (�0�) or the status
register (�1�) is read �rom. During the ��I read cycle a �yte o� data will start �eing output on ��I Data �ut on the ne�t
c�ock cyc�� aft�r th� addr��� bit�� MSB fir�t. �ft�r th� data ha� b��n c�ock�d o�t of th� chip�� th� �tat�� of S��I Data
�ut should �e chec�ed to see i� the data read is new data. � �0� level here on ��I Data �ut means that the data read
is new data. � �1� indicates that the data read is old data�� and the read cycle should �e repeated to get new data.
�emem�er that C� must �e held low �or at least one cloc� period �e�ore �eing ta�en high again to continue with the
ne�t read or write cycle.
Figure 3 - ��I �lave Data Write Cycle
SPICLK
SPI Data In
SPI Data Out
SPI CS
R/W ADD
D0
D1
D2
D3
D4
D5
D6
D7
1
0
0
From �tart - ��I C� must �e held high �or the entire write cycle�� and must �e ta�en low �or at least one cloc� period
aft�r th� �rit� i� co��p��t�d. Th� fir�t bit on S��I Data In i� th� R/W bit - inp�tting a ‘0’ h�r� a��o�� data to b� �ritt�n
to the chip. The ne�t �it is the address �it�� �DD�� which is used to indicate whether the data register (�0�) or the status
register (�1�) is written to. During the ��I write cycle a �yte o� data can �e input to ��I Data In on the ne�t cloc� cycle
aft�r th� addr��� bit�� MSB fir�t. �ft�r th� data ha� b��n c�ock�d in to th� chip�� th� �tat�� of S��I Data O�t �ho��d b�



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com