Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRIVE2 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # VDRIVE2
Description  an easy solution for adding a USB Flash disk interface to an existing product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDRIVE2 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

  VDRIVE2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VDrive2 Vinculum VNC1L Module
Datasheet Version 0.99
© Future Technology Devices International Ltd. 2007
Page 
Figure 6 - Datalogging to a ���� Flash dis� with the VDrive2
By adding a ��IC ��icrocontro���r and a f�� oth�r co��pon�nt��� th� �DRI�E2 ��od��� can b� t�rn�d into a F�a�h
dis� �ased data logger. Fig � shows the schematic o� this simple application. The �C signal input is connected to
th� 10-bit ana�og�� to digita� conv�rt�r on board th� Microchip ��IC. Th� ��IC cod� tak�� a pr�-d�fin�d n���b�r of
�a��p��� and th�n �rit�� th� corr��ponding �SCII va���� to a co����a ��parat�d va��� (CS�) fi�� on th� �SB fla�h
di�k attach�d to th� �DRI�E2 ��od���. �inc�����’� DOS �ik� �SCII co����and� �i��p�ify th� ta�k of fi�� hand�ing. �n
e�tended ��CII command set is designed �or use with a terminal whilst a shortened he�adecimal version is used with
a microcontroller.
Con���t th� �inc����� �D��� fir���ar� data�h��t for f��� d�tai�� of th� co����and ��t ���d by th� �Driv�2.
4. Application Example - VDRIVE2 to PIC Micro Interface
RTS#
CTS#
TXD
RXD
GND
5V0
VDD
RA5
RA4
MCLR#
RX
TX
RC3
GND
ICSPDAT
ICSPCLK
RA2
RC0
RC1
RC2
PIC16F688
CTS#
TXD
RXD
RTS#
100nF
10uF
+
5V0
GND
GND
GND
20 MHz
10pF
10pF
GND
5V0
47k
47k
AC Input
1uF
VDRIVE2
USB Flash
Drive



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com