Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRIVE2 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # VDRIVE2
Description  an easy solution for adding a USB Flash disk interface to an existing product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDRIVE2 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

  VDRIVE2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDRIVE2 Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VDrive2 Vinculum VNC1L Module
Datasheet Version 0.99
© Future Technology Devices International Ltd. 2007
Page 
3. VDRIVE2 Dimensions
Fig�r� 5 - �DRI�E2 ���chanica� di���n�ion�
Fully detailed mechanical drawings �or the VDrive2 enclosure are availa�le on request �rom FTDI technical support.
1.65 mm /
0.06"
2.5 mm /
0.10"
0.70 mm /
0.03"
Bottom
4.20 mm /
0.17"
Top
33.8 mm /
1.33"
2.0 mm /
0.08"
0.44 mm /
0.02"
Back
17.4 mm /
0.69"
7.70 mm /
0.30"
Side
41.76mm / 1.64"
Front
41.29mm /
1.63"
20.45mm /
0.81"



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com