Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC930 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC930
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC930 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC930 Datasheet HTML 1Page - Motorola, Inc MPC930 Datasheet HTML 2Page - Motorola, Inc MPC930 Datasheet HTML 3Page - Motorola, Inc MPC930 Datasheet HTML 4Page - Motorola, Inc MPC930 Datasheet HTML 5Page - Motorola, Inc MPC930 Datasheet HTML 6Page - Motorola, Inc MPC930 Datasheet HTML 7Page - Motorola, Inc MPC930 Datasheet HTML 8Page - Motorola, Inc MPC930 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MPC930 MPC931
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
4
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
4.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
PLL INPUT REFERENCE CHARACTERISTICS (TA = 0 to 70°C)
Symbol
Characteristic
Min
Max
Unit
Condition
tr, tf
TCLK Input Rise/Falls
3.0
ns
fref
Reference Input Frequency
10
Note 1.
MHz
frefDC
Reference Input Duty Cycle
25
75
%
1. Maximum input reference frequency is limited by the VCO lock range and the feedback divider.
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
3.6
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
2.4
V
IOH = –20mA (Note 2.)
VOL
Output LOW Voltage
0.5
V
IOL = 20mA (Note 2.)
IIN
Input Current
±120
µA
Note 3.
ICC
Maximum Core Supply Current
65
85
mA
ICCPLL
Maximum PLL Supply Current
15
20
mA
CIN
4
pF
Cpd
25
pF
Per Output
2. The MPC930/931 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2)transmissionlinesontheincidentedge(seeApplications
Info section).
3. Inputs have pull–up/pull–down resistors which affect input current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com