Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC930 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC930
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC930 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC930 Datasheet HTML 3Page - Motorola, Inc MPC930 Datasheet HTML 4Page - Motorola, Inc MPC930 Datasheet HTML 5Page - Motorola, Inc MPC930 Datasheet HTML 6Page - Motorola, Inc MPC930 Datasheet HTML 7Page - Motorola, Inc MPC930 Datasheet HTML 8Page - Motorola, Inc MPC930 Datasheet HTML 9Page - Motorola, Inc MPC930 Datasheet HTML 10Page - Motorola, Inc MPC930 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MPC930 MPC931
TIMING SOLUTIONS
BR1333 — Rev 6
7
MOTOROLA
MPC930
Figure 5. Dual Frequency Configuration
Div_Sela
‘0’
Div_Selb
‘1’
Div_Selc
‘0’
ExtFB_Sel
‘0’
Input Ref
16.66MHz
66.66MHz (Processor)
Qa
33.33MHz (PCI)
Qb
33.33MHz (PCI)
Qc
2
2
2
MPC930
Figure 6. Single Frequency Configuration
Div_Sela
‘1’
Div_Selb
‘1’
Div_Selc
‘0’
ExtFB_Sel
‘0’
Input Ref
16.66MHz
33.33MHz
Qa
33.33MHz
Qb
33.33MHz
Qc
2
2
2
MPC931
Figure 7. “Zero” Delay Fractional Multiplier
Div_Sela
‘1’
Div_Selb
‘1’
Div_Selc
‘1’
ExtFB_Sel
‘1’
Input Ref
33.33MHz
50MHz
Qa
50MHz
Qb
33.33MHz
Qc
2
2
2
Figure 8. “Zero” Delay Fractional Divider
Ext_FB
1
MPC931
Div_Sela
‘0’
Div_Selb
‘1’
Div_Selc
‘1’
ExtFB_Sel
‘1’
Input Ref
50MHz
100MHz
Qa
50MHz
Qb
33.33MHz
Qc
2
2
2
Ext_FB
1
MPC931
Figure 9. “Zero” Delay Multiply by 3 (50% Duty Cycle)
Div_Sela
‘0’
Div_Selb
‘0’
Div_Selc
‘1’
ExtFB_Sel
‘1’
Input Ref
33.33MHz
100MHz
Qa
100MHz
Qb
33.33MHz
Qc
2
2
2
Figure 10. “Zero” Delay Divide by 3 (50% Duty Cycle)
Ext_FB
1
MPC931
Div_Sela
‘0’
Div_Selb
‘0’
Div_Selc
‘1’
ExtFB_Sel
‘1’
Input Ref
100MHz
100MHz
Qa
100MHz
Qb
33.33MHz
Qc
2
2
2
Ext_FB
1
Using the MPC930/931 as a Zero Delay Buffer
The external feedback option of the MPC930/931 clock
driver allows for its use as a zero delay buffer. By using one of
the outputs as a feedback to the PLL the propagation delay
through the device is eliminated. The PLL works to align the
output edge with the input reference edge thus producing a
near zero delay. The Tpd of the device is specified in the
specification tables. For zero delay buffer applications, the
MPC931 is recommended over the MPC930. The MPC931
has been optimized and specified specifically for use as a
zero delay buffer.
When used as a zero delay buffer the MPC930/931 will
likely be in a nested clock tree application. For these
applications the MPC931 offers a LVPECL clock input as a
PLL reference. This allows the user to use LVPECL as the
primary clock distribution device to take advantage of its far
superior skew performance. The MPC931 then can lock onto
the LVPECL reference and translate with near zero delay to
low skew LVCMOS outputs. Clock trees implemented in this
fashion will show significantly tighter skews than trees
developed from CMOS fanout buffers.
To minimize part–to–part skew the external feedback
option again should be used. The PLL in the MPC931
decouples the delay of the device from the propagation delay
variations of the internal gates. From the specification table
one sees a Tpd variation of only
±150ps, thus for multiple
devices under identical configurations the part–to–part skew
will be around 850ps (300ps for Tpd variation plus 300ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com